Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM24 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MM24
Description  Rack and Panel Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MM24 Datasheet(HTML) 1 Page - Vishay Siliconix

  MM24 Datasheet HTML 1Page - Vishay Siliconix MM24 Datasheet HTML 2Page - Vishay Siliconix MM24 Datasheet HTML 3Page - Vishay Siliconix MM24 Datasheet HTML 4Page - Vishay Siliconix MM24 Datasheet HTML 5Page - Vishay Siliconix MM24 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.vishay.com
2
MM22 and MM24
Vishay Dale
Document Number 36008
Revision 22-Aug-00
FEATURES
• Qualified to MIL-C-28748/7/8.
• Solder cup contacts.
• Dip solder contacts.
• Fixed and turnable screwlocks.
• Optional closed entry socket contacts.
Rack and Panel Connectors
Military, MIL-C-28748/7/8 Qualified and Commercial
Microminiature Rectangular with Optional Hoods
APPLICATIONS
Especially suited for use in airborne, instrumentation and
portable equipment applications or wherever the following
requirements must be met: Minimum space and weight
without sacrifice of performance, high quality materials, long
service life, high vibration and shock resistance and positive
locking.
ELECTRICAL SPECIFICATIONS
Current Rating: Model MM22 = 5 amps.
Model MM24 = 3 amps.
Breakdown Voltage: At sea level: 2000 V RMS.
At 70,000 feet: 500 V RMS.
MATERIAL SPECIFICATIONS
Contact Pin: Phosphor bronze.
Contact Socket: Phosphor bronze. (Beryllium copper
available on request.)
Contact Plating: Gold.
Screwlocks: Stainless steel, passivated.
Guides: Brass, gold plated or stainless steel, passivated.
Standard Body: Glass-filled diallyl phthalate per MIL-M-14,
Model SDG-F, green.
MMS
With Solder Cup Contacts
DIMENSIONS in inches [millimeters]
MMP
With Solder Cup Contacts
MMDS
With Dip Solder Contacts
MMDP
With Dip Solder Contacts
HOOD
MMD2S
MMD1P
MMS
MMP
CONTACT GAUGE
B DIAMETER
CONTACT GAUGE
C DIP TAIL LENGTH
D DIAMETER
22 AWG
0.030
± 0.001
22 AWG
0.160 or 0.350
0.025
[0.762
± 0.025]
[4.06 or 8.89] Nom.
[0.635]
24 AWG
0.025
± 0.001
24 AWG
0.160 or 0.350
0.025
[0.635
± 0.025]
[4.06 or 8.89] Nom.
[0.635]
0.034 [0.864] Dia.
Solder Cup
0.110 [2.79]
Typ.
B
0.140
[3.56]
D
0.030
[0.762]
0.140
[3.56]
C
D
Dip Solder
Solder Cup


Similar Part No. - MM24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM24 VISHAY-MM24 Datasheet
261Kb / 8P
Rack and Panel Connectors
15-Feb-07
MM24 VISHAY-MM24 Datasheet
174Kb / 7P
Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular
24-Feb-14
logo
STMicroelectronics
MM24128-BBN5T STMICROELECTRONICS-MM24128-BBN5T Datasheet
135Kb / 17P
256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
01-Jun-2001
MM24128-BBN6T STMICROELECTRONICS-MM24128-BBN6T Datasheet
135Kb / 17P
256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
01-Jun-2001
MM24128-BMN5T STMICROELECTRONICS-MM24128-BMN5T Datasheet
135Kb / 17P
256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
01-Jun-2001
More results

Similar Description - MM24

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
Rack and Panel Filter Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
Rack and Panel Connectors
15-Feb-07
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
Rack and Panel Connectors
08-Feb-07
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
Rack and Panel Connectors Side Mount
08-Feb-07
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
05-May-09
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
Cannon Rack and Panel Connectors
logo
Vishay Siliconix
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
Rack and Panel Connectors Side Mount
08-Feb-07
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
05-May-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com