Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA94 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA94
Description  -0.2A , -400V PNP Silicon Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA94 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA94 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA94 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SA94
-0.2A , -400V
PNP Silicon Medium Power Transistor
15-Dec-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
4
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Voltage Driver Applications
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-223
2.5K
13’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-400
V
Collector-Emitter Voltage
VCEO
-400
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-0.2
A
Collector Current- Pulsed
ICM
-0.3
A
Collector Power Dissipation
PD
1
W
Thermal Resistance from Junction to Ambient
RθJA
125
°C/W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-400
-
V
IC= -0.1mA , IE=0
Collector-emitter breakdown voltage
V(BR)CEO
-400
-
V
IC= -1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
-5
-
V
IE= -0.1mA, IC=0
Collector cut-off current
ICBO
-
-100
nA
VCB= -400V, IE=0
Collector cut-off current
ICEO
-
-5
µA
VCE= -400V, IB=0
Emitter cut-off current
IEBO
-
-100
nA
VEB= -4V, IC=0
80
300
VCE= -10V, IC= -10mA
70
-
VCE= -10V, IC= -1mA
60
-
VCE= -10V, IC= -100mA
DC current gain
1
hFE
80
-
VCE= -10V, IC= -50mA
-
-0.2
IC= -10mA, IB= -1mA
Collector-emitter saturation voltage
VCE(sat)
-
-0.3
V
IC= -50mA, IB= -5mA
Base-emitter voltage
VBE(on)
-
-0.75
V
IC= -10mA, IB= -1mA
Transition frequency
f T
50
-
MHz
VCE= -20V, IC= -10mA, f=100MHz
ZTA94
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.20
6.70
G
-
0.10
B
6.70
7.30
H
-
-
C
3.30
3.70
J
0.25
0.35
D
1.42
1.90
K
-
-
E
4.50
4.70
L
2.30 REF.
F
0.60
0.82
M
2.90
3.10
SOT-223
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C


Similar Part No. - 2SA94

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA94-C SECOS-2SA94-C Datasheet
259Kb / 2P
PNP Silicon Medium Power Transistor
logo
Mospec Semiconductor
2SA940 MOSPEC-2SA940 Datasheet
113Kb / 3P
POWER TRANSISTORS(1.5A,150V,25W)
logo
Wing Shing Computer Com...
2SA940 WINGS-2SA940 Datasheet
25Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)
logo
TRANSYS Electronics Lim...
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
logo
Inchange Semiconductor ...
2SA940 ISC-2SA940 Datasheet
103Kb / 2P
isc Silicon PNP Power Transistor
More results

Similar Description - 2SA94

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
61Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Jun-1997
logo
Zetex Semiconductors
ZXTP08400BFF ZETEX-ZXTP08400BFF Datasheet
284Kb / 8P
400V, SOT23F, PNP medium power high voltage transistor
logo
SeCoS Halbleitertechnol...
2SB1132 SECOS-2SB1132 Datasheet
162Kb / 3P
PNP Silicon Medium Power Transistor
2SB1188 SECOS-2SB1188 Datasheet
638Kb / 2P
PNP Silicon Medium Power Transistor
logo
Diodes Incorporated
ZXTP558L DIODES-ZXTP558L Datasheet
234Kb / 5P
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
DS32186 Rev. 1 - 2
ZXTP08400BFF DIODES-ZXTP08400BFF Datasheet
312Kb / 8P
400V, SOT23F, PNP medium power high voltage transistor
AUGUST 2007
FZT558TA DIODES-FZT558TA Datasheet
378Kb / 6P
400V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT958 DIODES-FZT958_15 Datasheet
782Kb / 7P
400V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT958 DIODES-FZT958_16 Datasheet
716Kb / 7P
400V PNP MEDIUM POWER TRANSISTOR
Rev 6
ZXTP08400BFF DIODES-ZXTP08400BFF_16 Datasheet
392Kb / 7P
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Rev 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com