Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP558L Datasheet (PDF) - Diodes Incorporated

ZXTP558L Datasheet PDF - Diodes Incorporated
Part # ZXTP558L
Download  ZXTP558L Download
File Size   234.3 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR

ZXTP558L Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP558L Datasheet PDF - Diodes Incorporated

Part # ZXTP558L
Download  ZXTP558L Click to download

File Size   234.3 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR

ZXTP558L Datasheet (HTML) - Diodes Incorporated


ZXTP558L Product details

Features and Benefits
• BVCEO > 400V
• Power dissipation PD = 1W
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZXTP558L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP558L DIODES-ZXTP558L_15 Datasheet
444Kb / 7P
400V PNP High Voltage Transistor in TO92L
Rev 3
More results


Similar Description - ZXTP558L

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP08400BFF ZETEX-ZXTP08400BFF Datasheet
284Kb / 8P
400V, SOT23F, PNP medium power high voltage transistor
logo
Diodes Incorporated
ZXTP08400BFF DIODES-ZXTP08400BFF Datasheet
312Kb / 8P
400V, SOT23F, PNP medium power high voltage transistor
AUGUST 2007
FZT958 DIODES-FZT958_15 Datasheet
782Kb / 7P
400V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
ZTX758 DIODES-ZTX758_15 Datasheet
527Kb / 7P
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN E-LINE
Rev 2
ZXTP08400BFF DIODES-ZXTP08400BFF_15 Datasheet
460Kb / 7P
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT23F
Rev 3
logo
SeCoS Halbleitertechnol...
2SA94 SECOS-2SA94 Datasheet
373Kb / 2P
-0.2A , -400V PNP Silicon Medium Power Transistor
logo
Diodes Incorporated
FCX558Q DIODES-FCX558Q Datasheet
588Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 1
FZT958 DIODES-FZT958_16 Datasheet
716Kb / 7P
400V PNP MEDIUM POWER TRANSISTOR
Rev 6
ZXTN08400BFF DIODES-ZXTN08400BFF_16 Datasheet
354Kb / 7P
400V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Rev 2
ZXTP08400BFF DIODES-ZXTP08400BFF_16 Datasheet
392Kb / 7P
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com