Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP558L Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP558L
Description  400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP558L Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP558L Datasheet HTML 1Page - Diodes Incorporated ZXTP558L Datasheet HTML 2Page - Diodes Incorporated ZXTP558L Datasheet HTML 3Page - Diodes Incorporated ZXTP558L Datasheet HTML 4Page - Diodes Incorporated ZXTP558L Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ZXTP558L
Document number: DS32186 Rev. 1 - 2
4 of 5
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP558L
Package Outline Dimensions
TO92L
Dim
Min
Max
A
3.70
4.10
A1
1.28
1.58
b
0.35
0.55
b1
0.60
0.80
c
0.35
0.45
D
4.70
5.10
D1
4.00
-
e
1.270 Typ
e1
2.44
2.64
E
7.80
8.20
L
13.80
14.20
h
0.00
0.30
θ
-
1.60
All Dimensions in mm
b
e
E
L
D
e1
b1
h
A
D1
θ
c A1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com