Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP558L Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP558L
Description  400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP558L Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP558L Datasheet HTML 1Page - Diodes Incorporated ZXTP558L Datasheet HTML 2Page - Diodes Incorporated ZXTP558L Datasheet HTML 3Page - Diodes Incorporated ZXTP558L Datasheet HTML 4Page - Diodes Incorporated ZXTP558L Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ZXTP558L
Document number: DS32186 Rev. 1 - 2
1 of 5
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP558L
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Features and Benefits
•
VCEO = 400V
•
Power dissipation PD = 1W
•
Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: TO92L
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Terminals: Pure Tin Finish.
•
Weight: 0.272 grams (approximate)
Ordering Information (Note 3)
Product
Status
Marking
Quantity per box on tape
ZXTP558LSTZ
Active
ZXTP558
2,000
Notes:
1. No purposefully added lead. Halogen and Antimony free: <900ppm bromine, <900ppm chlorine (<1500ppm total) and <1000ppm antimony compounds.
2. Diodes Inc.’s “Green” Policy can be found on our website at http://www.diodes.com
3. For lead form and taping specification, please visit our website at http://www.diodes.com
Marking Information
Top View
Pin-Out
ZXTP558 = Product Type Marking Code
Device Symbol
558
ZXTP
E C B


Similar Part No. - ZXTP558L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP558L DIODES-ZXTP558L_15 Datasheet
444Kb / 7P
400V PNP High Voltage Transistor in TO92L
Rev 3
More results

Similar Description - ZXTP558L

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP08400BFF ZETEX-ZXTP08400BFF Datasheet
284Kb / 8P
400V, SOT23F, PNP medium power high voltage transistor
logo
Diodes Incorporated
ZXTP08400BFF DIODES-ZXTP08400BFF Datasheet
312Kb / 8P
400V, SOT23F, PNP medium power high voltage transistor
AUGUST 2007
FZT958 DIODES-FZT958_15 Datasheet
782Kb / 7P
400V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
ZTX758 DIODES-ZTX758_15 Datasheet
527Kb / 7P
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN E-LINE
Rev 2
ZXTP08400BFF DIODES-ZXTP08400BFF_15 Datasheet
460Kb / 7P
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT23F
Rev 3
logo
SeCoS Halbleitertechnol...
2SA94 SECOS-2SA94 Datasheet
373Kb / 2P
-0.2A , -400V PNP Silicon Medium Power Transistor
logo
Diodes Incorporated
FCX558Q DIODES-FCX558Q Datasheet
588Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 1
FZT958 DIODES-FZT958_16 Datasheet
716Kb / 7P
400V PNP MEDIUM POWER TRANSISTOR
Rev 6
ZXTN08400BFF DIODES-ZXTN08400BFF_16 Datasheet
354Kb / 7P
400V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Rev 2
ZXTP08400BFF DIODES-ZXTP08400BFF_16 Datasheet
392Kb / 7P
400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Rev 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com