Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2688 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2688
Description  0.2A, 300V NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2688 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2688 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC2688 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC2688
0.2A, 300V
NPN Plastic Encapsulated Transistor
10-Dec-2015 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low frequency power amplifier
Circuits chroma output of Color TV
CLASSIFICATION OF hFE
Product-Rank
2SC2688-L
2SC2688-K
Range
100~200
160~250
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
300
V
Collector to Emitter Voltage
VCEO
300
V
Emitter to Base Voltage
VEBO
5
V
Collector Current-Continuous
IC
200
mA
Collector Power Dissipation
PC
1.25
W
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
300
-
-
V
IC=100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
300
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=100µA, IC=0
Collector Cut–Off Current
ICBO
-
-
0.1
µ
A
VCB=200V, IE=0
Emitter Cut–Off Current
IEBO
-
-
0.1
µ
A
VEB=5V, IC=0
DC Current Gain
hFE
100
-
250
VCE=10V, IC=10mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.5
V
IC=50mA, IB=5mA
Transition Frequency
fT
-
50
-
MHz
VCE=30V, IC=10mA
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
TO-126
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
7.40
7.80
H
1.10
1.50
B
2.50
2.90
J
0.45
0.60
C
10.60
11.00
K
0.66
0.86
D
15.30
15.70
L
2.10
2.30
E
3.70
3.90
M
1.17
1.37
F
3.90
4.10
N
3.00
3.20
G
2.29 TYP.


Similar Part No. - 2SC2688

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2688 NEC-2SC2688 Datasheet
140Kb / 3P
NPN Silicon Transistor
logo
Unisonic Technologies
2SC2688 UTC-2SC2688 Datasheet
192Kb / 5P
NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2SC2688 SAVANTIC-2SC2688 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
logo
Unisonic Technologies
2SC2688 UTC-2SC2688 Datasheet
262Kb / 5P
NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2SC2688 SAVANTIC-2SC2688 Datasheet
105Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2688

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
3DD13001 SECOS-3DD13001 Datasheet
535Kb / 2P
0.2A , 600V NPN Plastic-Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
MMBT3904M SECOS-MMBT3904M Datasheet
292Kb / 2P
0.2A, 60V NPN Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com