Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 5KP
Description  Voltage 5.0V ~ 250V 5000W Peak Power TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

5KP Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  5KP Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 5KP Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 5KP Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 5KP Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
5KP SERIES
Voltage 5.0V ~ 250V
5000W Peak Power TVS
06-Jul-2015 Rev.A
Page 1 of 4
A suffix of "-C" specifies halogen & RoHS compliant
DESCRIPTION
The 5KP Series is designed specifically to protect sensitive
electronic equipment from voltage transients induced by
lightning and other transient voltage events.
FEATURES
VBR @TJ = VBR@25°C x (1+ αT x (TJ - 25))
(αT:Temperature Coefficient)
Glass passivated chip junction in P600 package
5000W peak pulse capability at 10/1000µs waveform,
repetition rate (duty cycles):0.01%
Excellent clamping capability
Typical failure mode is short from over-specified voltage or current
Fast response time: typically less than 1.0ps from 0 Volts to BV min
Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c
IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2)
EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4)
Low incremental surge resistance
Typical IR less than 2µA above 12V
High temperature soldering guaranteed: 260°C/40 se conds / 0.375”,
(9.5mm) lead length, 5 lbs., (2.3kg) tension
Plastic package has underwriters laboratory flammability classification 94V-O
Matte tin lead–free plated
Halogen free and RoHS compliant
2nd level interconnect is Pb-free per IPC/JEDEC J-STD-609A.01
APPLICATIONS
Functional Diagram
TVS devices are ideal for the protection of I/O interfaces,
VCC bus and other vulnerable circuits used in telecom,
computer, industrial and consumer electronic applications.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(TA=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation by 10/1000µs Test Waveform
1
PPPM
5000
W
Power Dissipation on infinite heatsink at TL=75°C
P D
8.0
W
Peak Forward Surge Current, 8.3ms single half sine-wave
unidirectional only
2
IFSM
400
A
Maximum Instantaneous Forward Voltage at 100A for
Unidirectional Only
3
VF
3.5/5.0
V
Typical Thermal Resistance Junction to Lead
RθJL
8.0
°C/W
Typical Thermal Resistance Junction to Ambient
RθJA
40
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 ~ 175
°C
Notes:
1.
Non-repetitive current pulse , per Fig. 4 and derated above TA = 25°C per Fig. 3.
2.
Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per minute maximum.
3.
VF<3.5V for devices of VBR≤200V and VF<5.0V for devices of VBR≥201V.
Millimeter
REF.
Min.
Max.
A
25.4 REF
B
8.6
9.1
C
8.6
9.1
D
1.2
1.3
A
C
B
A
D
R-6


Similar Part No. - 5KP

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP SURGE-5KP Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP WTE-5KP Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
5KP RECTRON-5KP Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
5KP EIC-5KP Datasheet
28Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
5KP5.0 GOOD-ARK-5KP5.0 Datasheet
187Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
Bruckewell Technology L...
5KP_A BWTECH-5KP_A Datasheet
524Kb / 7P
5000W Peak Pulse Power
logo
SeCoS Halbleitertechnol...
5SMDJ SECOS-5SMDJ_15 Datasheet
195Kb / 4P
5000W Peak Power Surface Mount TVS
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
200W Peak Power TVS
logo
GOOD-ARK Electronics
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
logo
SeCoS Halbleitertechnol...
5SMDJ SECOS-5SMDJ Datasheet
195Kb / 4P
11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
5000W Peak Power TVS
logo
Will Semiconductor Ltd.
SPD85582C WILLSEMI-SPD85582C Datasheet
240Kb / 3P
1-Line, 5000W, TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
TVS Surface Mount ??5000W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com