Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC848CS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC848CS
Description  NPN Plastic Encapsulate Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC848CS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC848CS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC848CS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC848CS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BC848CS Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH BC848CS Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH BC848CS Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH BC848CS Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Elektronische Bauelemente
BC846AS,BS
BC847AS, BS, CS
BC848AS, BS, CS
NPN Plastic Encapsulate Transistor
25-Dec-2014 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideally suited for automatic insertion
For Switching and AF Amplifier Applications
CLASSIFICATION OF hFE
BC846AS
BC846BS
-
BC847AS
BC847BS
BC847CS
Product-Rank
BC848AS
BC848BS
BC848CS
Range
110~220
200~450
420~800
MARKING
Product-Rank
BC846AS
BC846BS
-
Marking
1A
1B
-
Product-Rank
BC847AS
BC847BS
BC847CS
Marking
1E
1F
1G
Product-Rank
BC848AS
BC848BS
BC848CS
Marking
1J
1K
1L
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS ( TA = 25°C unless otherwise noted )
PARAMETER
SYMBOL
RATINGS
UNIT
BC846
80
BC847
50
Collector to Base Voltage
BC848
VCBO
30
V
BC846
65
BC847
45
Collector to Emitter Voltage
BC848
VCEO
30
V
BC846
6
BC847
6
Emitter to Base Voltage
BC848
VEBO
5
V
Collector Current - Continuous
IC
0.1
A
FR-5 Board, TA=25°C
1
225
mW
Total Device Dissipation
Derate Above 25˚C
PD
1.8
mW /°C
Thermal Resistance, Junction to Ambient
1
RθJA
556
°C/W
FR-5 Board, TA=25°C
2
300
mW
Total Device Dissipation
Derate Above 25˚C
PD
2.4
mW /°C
Thermal Resistance, Junction to Ambient
2
RθJA
417
°C/W
Junction, Storage Temperature
TJ, TSTG
-55 ~ 150
°C
Note:
1.
FR–5 = 1.0 x 0.75 x 0.062 in
2.
Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50


Similar Part No. - BC848CS

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC848C TRSYS-BC848C Datasheet
371Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zowie Technology Corpor...
BC848C ZOWIE-BC848C Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BC848C SIEMENS-BC848C Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Diodes Incorporated
BC848C DIODES-BC848C Datasheet
60Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 14 - 2
logo
Micro Commercial Compon...
BC848C MCC-BC848C Datasheet
105Kb / 2P
NPN Small Signal Transistor 310mW
More results

Similar Description - BC848CS

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com