Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LVC3245AL Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74LVC3245AL
Description  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC3245AL Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74LVC3245AL Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
P-0.3
08/05/03
Pin Name
Description
OE
3-State Output Enable Inputs (Active LOW)
DIR
Direction Control Input
Ax
Side A Inputs or 3-State Outputs
Bx
Side B Inputs or 3-State Outputs
NC
NO Internal Connect
GND
Ground
VCCA,VCCB
Power
(3.3V) VCCA
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
GND
VCCB (5V)
NC
OE
B1
B2
B3
B4
B5
B6
B7
B8
GND
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
Product Description
Pericom Semiconductor’s PI74LVC series of logic circuits are
produced using the Company’s advanced submicron CMOS tech-
nology, achieving industry leading speed.
The PI74LVC3245A is a non-inverting 8-bit Bidirectional Trans-
ceiver that uses two seperate power supply rails. A-port (VCCA)
is set to operate at 3.3V and B-port (VCCB) is set to operate at 5V.
This allows for translation from a 3.3V to a 5Venvironment and
vice-versa. This tranceiver is designed for asynchronous two-way
communication between data buses.The direction control input pin
(DIR) determines the dataflow from the A bus to the B bus or from
the B bus to the A bus. The output enable (OE) input, when HIGH,
disables both A and B ports by placing them in HIGH Z condi-
tion.
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
Logic Block Diagram
Product Features
• 2.7V to 3.6V on A-port and 4.5V to 5.5V on B-port
• TTL Compatible Inputs
• Latch-up performance exceeds 200mA Per JESD78
• ESD protection exceeds JESD22
2000V Human-Body Model (A114-B)
200V Machine Model (A115-A)
• Industrial Temperature: –40°C to +85°C
• Available Packages:
24-pin 173-mil wide plastic TSSOP (L)
24-pin 150-mil wide plastic QSOP (Q)
24-pin 300-mil wide plastic SOIC (S)
PI74LVC3245A
ADVANCE INFORMATION
B1
A1
OE
DIR
B2
A2
B3
A3
B4
A4
B5
A5
B6
A6
B7
A7
B8
A8
2
5
3
4
8
6
7
10
9
22
19
21
20
16
18
17
14
15
Truth Table(1)
Note:
1. H = High Signal Level
L = Low Signal Level
X = Don’t Care or Irrelevant
Z = High Impedance
Product Pin Description
Product Pin Configuration
Inputs
Outputs
OE
DIR
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
Z (Isolation)


Similar Part No. - PI74LVC3245AL

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVC3245ALE PERICOM-PI74LVC3245ALE Datasheet
430Kb / 9P
8-Bit Dual Supply Bus Transceiver with 3-State Outputs
More results

Similar Description - PI74LVC3245AL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74LVC4245A PERICOM-PI74LVC4245A Datasheet
482Kb / 9P
8-Bit Dual Supply Bus Transceiver with 3-State Outputs
logo
Renesas Technology Corp
HD74ALVC165245A RENESAS-HD74ALVC165245A Datasheet
114Kb / 18P
16-Bit Dual-supply Bus Transceiver with 3-state Outputs
HD74ALVC165245A RENESAS-HD74ALVC165245A_05 Datasheet
116Kb / 14P
16-Bit Dual-supply Bus Transceiver with 3-state Outputs
HD74ALVC166245A RENESAS-HD74ALVC166245A Datasheet
113Kb / 13P
16-Bit Dual-supply Bus Transceiver with 3-state Outputs
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74LVC3245ALE PERICOM-PI74LVC3245ALE Datasheet
430Kb / 9P
8-Bit Dual Supply Bus Transceiver with 3-State Outputs
logo
Fairchild Semiconductor
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com