Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LVC3245AL Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74LVC3245AL
Description  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC3245AL Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74LVC3245AL Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC3245AL Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ADVANCE INFORMATION
PI74LVC3245A
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
3
P-0.3
08/05/03
Recommended Operating Conditions(4)
Note: 4. All unused inputs of the device must be held at the associated VCC or GND to ensure proper device operation.
Parameters
Description
VCCA
VCCB
Min.
Typ.
Max.
Units
VCCA
Supply Voltage
2.7
3.3
3.6
V
VCCB
Supply Voltage
4.5
5
5.5
VIHA
High-Level Input Voltage
VOB ≤ 0.1v or
VOB ≥ VCCB -0.1V
2.7V
5.0V
2
3.6V
5.0V
2
VIHB
High-Level Input Voltage
VOA ≤ 0.1V or
VOA ≥ VCCA -0.1V
3.3V
4.5V
2
3.3V
5.5V
2
VILA
Low-Level Input Voltage
VOB ≤ 0.1V or
VOB ≥ VCCB -0.1V
2.7V
5.0V
0.8
3.6V
5.0V
0.8
VILB
Low-Level Input Voltage
VOA ≤ 0.1V or
VOA ≥ VCCA -0.1V
3.3V
4.5V
0.8
3.3V
5.5V
0.8
VIH
High-Level Input Voltage
(Control Pins)
VOA ≤ 0.1V or
VOA ≥ VCCA -0.1V,
VOB ≤ 0.1V or
VOB ≥ VCCB -0.1V
2.7V
4.5V
2
3.6V
5.5V
2
VIL
Low-Level Input Voltage
(Control Pins)
VOA ≤ 0.1V or
VOA ≥ VCCA -0.1V,
VOB ≤ 0.1V or
VOB ≥ VCCB -0.1V
2.7V
4.5V
0.8
3.6V
5.5V
0.8
VIA
Input Voltage
0
VCCA
VIB
Input Voltage
0
VCCB
VOA
Output Voltage
0
VCCA
VOB
Output Voltage
0
VCCB
IOHA
High-Level Output Current
2.7V
4.5V
-12
mA
3V
4.5V
-24
IOHB
High-Level Output Current
3V
4.5V
-24
IOLA
Low-Level Output Current
2.7V
4.5V
12
3V
4.5V
24
IOLB
Low-Level Output Current
3V
4.5V
24
∆t/∆v
Input transition Rise or Fall
Rate
10
ns/v
TA
Operating Free-Air Temp.
-40
85
ºC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com