Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LVC3245AS Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74LVC3245AS
Description  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC3245AS Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74LVC3245AS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ADVANCE INFORMATION
PI74LVC3245A
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
4
P-0.3
08/05/03
DC Electrical Characteristics (Over the Operating Range, TA= –40°C +85°C)
Notes:
5. For I/O ports, the parameter IOZ includes the input leakage current.
6. This is the increase in supply current for each input that is at one of the specified voltage levels, rather than 0V or the associated VCC.
Parameters
Description
Test Conditions
VCCA
VCCB
Min.
Typ. Max. Units
VOHA
Minimum High Level
Output Voltage (Port A)
IOH = –100µA
3V
4.5V
2.9
3
V
IOH = –12mA
2.7V
4.5V
2.2
2.55
3V
4.5V
2.4
2.8
IOH = –24mA
2.7V
4.5V
2
2.4
3V
4.5V
2.25
2.7
VOHB
Minimum High Level
Output Voltage (Port B)
IOH = –100µA
3V
4.5V
4.4
4.5
IOH = –24mA
3V
4.5V
3.76
4.21
VOLA
Maximum Low Level
Output Voltage (Port A)
IOL = 100µA
3V
4.5V
0.01
0.1
IOL = 12mA
2.7V
4.5V
0.09
0.44
IOL = 24mA
2.7V
4.5V
0.18
0.5
3V
4.5V
0.18
0.44
VOLB
Maximum Low Level
Output Voltage (Port B)
IOL = 100µA
3V
4.5V
0.01
0.1
IOL = 24mA
3V
4.5V
0.18
0.44
II
Maximum Input Leakage
Current (Control Inputs)
VI = VCCA or GND
3.6V
5.5V
±1
µA
IOZ(5)
Maximum 3-State Output
Leakage Current (A or B
ports)
VI = VIL or VIH, OE = VCCA
VO = VCCA/B or GND
3.6V
5.5V
±5
ICCA
Quiescent VCCA
Supply Current
B to A, B-Port = VCCB or
GND, IO (A port) = 0
3.6V
5.5V
10
ICCB
Quiescent VCCB
Supply Current
A to B, A port = VCCA or
GND, IO (B port) = 0
3.6V
5.5V
10
∆ICC(6)
ICC per input (A port)
One input VI = VCCA –0.6V,
other inputs = VCCA or GND,
OE = GND and DIR = VCCA
3.6V
5.5V
50
uA
ICC per input (OE)
One input VI = VCCA –0.6V,
other inputs = VCCA or GND,
DIR = VCCA
3.6V
5.5V
50
ICC per input (DIR)
VI = VCCA –0.6V, other
inputs = VCCA or GND, OE
= GND
3.6V
5.5V
50
ICC per input (B Port)
One Input VI = VCCB –2.1V,
other inputs = VCCB or
GND, OE = GND and DIR
= GND
3.6V
5.5V
0.7
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com