Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LVC3245AS Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74LVC3245AS
Description  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC3245AS Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74LVC3245AS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC3245AS Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ADVANCE INFORMATION
PI74LVC3245A
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
6
P-0.3
08/05/03
PARAMETER MEASUREMENT INFORMATION FOR A TO B PORT
VCCA =2.7V TO 3.6V and VCCB = 5V ± 0.5V
Load Circuit
Voltage Waveforms
Propagation Delay Times
Voltage Waveforms
Enable and Disable Times
Notes:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input impulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
D. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms
500Ω
500
Ω
2xVCCB
Open
GND
S1
From Output
Under Test
CL = 50pF
(See Note A)
500Ω
500Ω
50
Input
tPLH
tPHL
0V
B-Port
Output
VOH
VOL
1.5V
1.5V
2.7V
50% VCCB
50% VCCB
tPZL
Output
Control
0V
1.5V
50% VCCB
1.5V
tPLZ
tPHZ
VOL
VCCB
0V
tPZH
+0.3V
–0.3V
Output
Waveform 1
S1 at 2 x VCCB
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOH
VOH
VOL
2.7V
50% VCCB
Power- Up Considerations
To avoid excessive supply current, bus contention or oscillation during power-up, the following guidelines should be followed:
1. Connect ground first before any supply voltage is applied.
2. Power up VCCA, which is the control side of the device.
3. Ramp OE ahead of or with VCCA to help prevent bus contention
4. Ramp DIR with VCCA if DIR high is needed (A bus to B bus). Otherwise keep DIR Low.
Test
S1
tPLH/tPHL
Open
tPLZ/tPZL
2 x VCCB
tPHZ/tPZH
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com