Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 605 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 605 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 601Page - Motorola, Inc MPXM2202AS Datasheet HTML 602Page - Motorola, Inc MPXM2202AS Datasheet HTML 603Page - Motorola, Inc MPXM2202AS Datasheet HTML 604Page - Motorola, Inc MPXM2202AS Datasheet HTML 605Page - Motorola, Inc MPXM2202AS Datasheet HTML 606Page - Motorola, Inc MPXM2202AS Datasheet HTML 607Page - Motorola, Inc MPXM2202AS Datasheet HTML 608Page - Motorola, Inc MPXM2202AS Datasheet HTML 609Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 670 page
background image
MC14468
4–13
Motorola Sensor Device Data
www.motorola.com/semiconductors
DEVICE OPERATION
TIMING
The internal oscillator of the MC14468 operates with a
period of 1.67 seconds during no–smoke conditions. Each
1.67 seconds, internal power is applied to the entire IC and a
check is made for smoke, except during LED pulse, Low Bat-
tery Alarm Chirp, or Horn Modulation (in smoke). Every 24
clock cycles a check is made for low battery by comparing
VDD to an internal zener voltage. Since very small currents
are used in the oscillator, the oscillator capacitor should be of
a low leakage type.
DETECT CIRCUITRY
If smoke is detected, the oscillator period becomes 40 ms
and the piezoelectric horn oscillator circuit is enabled. The
horn output is modulated 160 ms on, 80 ms off. During the off
time, smoke is again checked and will inhibit further horn out-
put if no smoke is sensed. During local smoke conditions the
low battery alarm is inhibited, but the LED pulses at a 1.0 Hz
rate. In remote smoke, the LED is inhibited as well.
An active guard is provided on both pins adjacent to the
detect input. The voltage at these pins will be within 100 mV
of the input signal. This will keep surface leakage currents to
a minimum and provide a method of measuring the input volt-
age without loading the ionization chamber. The active guard
op amp is not power strobed and thus gives constant protec-
tion from surface leakage currents. Pin 15 (the Detect input)
has internal diode protection against static damage.
INTERCONNECT
The I/O (Pin 2), in combination with VSS, is used to inter-
connect up to 40 remote units for common signaling. A Local
Smoke condition activates a current limited output driver,
thereby signaling Remote Smoke to interconnected units. A
small current sink improves noise immunity during non–
smoke conditions. Remote units at lower voltages do not
draw excessive current from a sending unit at a higher volt-
age. The I/O is disabled for three oscillator cycles after power
up, to eliminate false alarming of remote units when the bat-
tery is changed.
SENSITIVITY/LOW BATTERY THRESHOLDS
Both the sensitivity threshold and the low battery voltage
levels are set internally by a common voltage divider (please
see Figure 1) connected between VDD and VSS. These volt-
ages can be altered by external resistors connected from
pins 3 or 13 to either VDD or VSS. There will be a slight inter-
action here due to the common voltage divider network. The
sensitivity threshold can also be set by adjusting the smoke
chamber ionization source.
TEST MODE
Since the internal op amps and comparators are power
strobed, adjustments for sensitivity or low battery level could
be difficult and/or time–consuming. By forcing Pin 12 to VSS,
the power strobing is bypassed and the output, Pin 1,
constantly shows smoke/no smoke. Pin 1 = VDD for smoke.
In this mode and during the 10 ms power strobe, chip current
rises to approximately 50
µA.
LED PULSE
The 9–volt battery level is checked every 40 seconds dur-
ing the LED pulse. The battery is loaded via a 10 mA pulse
for 10 ms. If the LED is not used, it should be replaced with
an equivalent resistor such that the battery loading remains
at 10 mA.
HYSTERESIS
When smoke is detected, the resistor/divider network that
sets sensitivity is altered to increase sensitivity. This yields
approximately 100 mV of hysteresis and reduces false
triggering.
Figure 5. Typical Application as Ionization Smoke Detector
MC14468
116
2
3
4
5
6
7
8
15
14
13
12
11
10
9
330
Ω
8.2 M
Ω
+
9 V
0.1
µF
1.5 M
Ω*
0.001
µF
220 k
Ω*
0.1
µF
1 M
1 M
TEST
*NOTE: Component values may change
depending on type of piezoelectric horn used.
TO
OTHER
UNITS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com