Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 608 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 608 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 604Page - Motorola, Inc MPXM2202AS Datasheet HTML 605Page - Motorola, Inc MPXM2202AS Datasheet HTML 606Page - Motorola, Inc MPXM2202AS Datasheet HTML 607Page - Motorola, Inc MPXM2202AS Datasheet HTML 608Page - Motorola, Inc MPXM2202AS Datasheet HTML 609Page - Motorola, Inc MPXM2202AS Datasheet HTML 610Page - Motorola, Inc MPXM2202AS Datasheet HTML 611Page - Motorola, Inc MPXM2202AS Datasheet HTML 612Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 608 / 670 page
background image
MC14578
4–16
Motorola Sensor Device Data
www.motorola.com/semiconductors
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
*0.5 to +14
V
Vin
DC Input Voltage
*0.5 to VDD +0.5
V
Vout
DC Output Voltage
*0.5 to VDD +0.5
V
Iin
DC Input Current, Except IN +
"10
mA
Iin
DC Input Current, IN +
"1.0
mA
Iout
DC Output Current, per Pin
"25
mA
IDD
DC Supply Current, VDD and VSS Pins
"50
mA
PD
Power Dissipation, per Package
500
mW
Tstg
Storage Temperature
*65 to +150
°C
TL
Lead Temperature (10–Second Soldering)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must
be taken to avoid applications of any voltage higher than maximum rated voltages to this high–impedance circuit. For proper operation, Vin and
Vout should be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com