Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202AS Datasheet(PDF) 606 Page - Motorola, Inc

Part # MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Datasheet(HTML) 606 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 602Page - Motorola, Inc MPXM2202AS Datasheet HTML 603Page - Motorola, Inc MPXM2202AS Datasheet HTML 604Page - Motorola, Inc MPXM2202AS Datasheet HTML 605Page - Motorola, Inc MPXM2202AS Datasheet HTML 606Page - Motorola, Inc MPXM2202AS Datasheet HTML 607Page - Motorola, Inc MPXM2202AS Datasheet HTML 608Page - Motorola, Inc MPXM2202AS Datasheet HTML 609Page - Motorola, Inc MPXM2202AS Datasheet HTML 610Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 606 / 670 page
background image
MC14468
4–14
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 6. Timing Diagram
Hysteresis (Internal)
(Pin 13 ) (Pin 14)
Detect Out
(Pin 1)
Low Battery
(Internal)
Sample (Internal)
Smoke
Horn
(Pin 10 and 11)
LED
(Pin 5)
Oscillator
(Pin 12)
Standby
Smoke/No Low Battery
Smoke/Low Battery
No Smoke/
No Low Battery
No Smoke/Low Battery
40 ms
10 ms
1.67 s
24 Clock Cycles (0.96 s)
24 Clock Cycles
(40S)
24 Clock Cycles
6 Clock
Suppressed Chirp
Battery Test
(Note 3)
(Note 3)
(Note 1)
Cycles (10.0 s)
Strobe Out
(Pin 14)
I/O (Pin 2)
Output (Local)
I/O (Pin 2)
Input (Remote)
LED
Note: Horn Modulation Not Self–Completing
Low = Disable
High = Enable
(Suppressed LED for Remote Only)
NOTES:
1. Horn modulation is self–completing. When going from smoke to no smoke, the alarm condition will terminate only when horn is off.
2. Comparators are strobed on once per clock cycle (1.67 s for no smoke, 40 ms for smoke).
3. Low battery comparator information is latched only during LED pulse.
4.
X 100 mV p–p swing.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com