Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF064VT1-VGA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SF064VT1-VGA
Description  APPLY TO MULTIPLE LCD MODULE: V16C6448AC/AE/AF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SF064VT1-VGA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SF064VT1-VGA Datasheet HTML 1Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 2Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 3Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 4Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 5Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 6Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 7Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SUNFUL
Sunful Digital Technology Limited
- ˛ -
DRIVER INTRODUCTION
1.Brief Diagram (Refer Appendix Page For Details)
2.Port Definition
a) J1
Keyboard Operation Port
b) J3
Connection port of Driver with LCD Connector (LVDS mode)
c) J4
Connection port of Driver with LCD Connector (TTL mode)
d) CN200
Analytic VGA Input Port
e) CN300
Communication Port (standby)
f) CN301
Power Input Port ˜DC12V ¯
g) CN303
Output Port For Inverter Power.
Notes: All ports define square pad as the first position ˜
˜
˜
˜
3.PIN ASSIGNMENT
CN1:Osd Connertor
Pin NO DEF.
Pin NO DEF.
Pin NO DEF.
1
GND
5
MENU
9
GND
2
POWER
6
LEFT-
10
VCC(+5v)
3
RED
7
RIGHT+
4
GREEN
8
ENTER
CN2:Inverter Connertor
Pin NO DEF
Pin NO DEF
Pin NO DEF
1
+12V
2
GND
3
On/Off
CN200:VGA Connertor
Pin NO DEF
Pin NO DEF
Pin NO DEF
Pin NO DEF
1
GND
4
GREEN
7
GND
10
CON
2
RED
5
GND
8
HD
11
SDA
3
GND
6
BLUE
9
VD
12
SCL
CN301:Power Connertor
Pin NO
DEF
Pin NO
DEF
1
+12V
2
GND
CN12:LVDS Connertor
Pin NO
DEF.
Pin NO DEF.
Pin NO DEF.
Pin NO DEF.
1 VCC
6
0+
9
Ck1-
13
11+
2 VCC
7
1-
10
Ck1+
14
12-
3 GND
8
1+
11
00-
15
12+
4 GND
9
2-
12
00+
16
Ck2-
5 0-
10
2+
15
11-
20
Ck2+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com