Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF064VT1-VGA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SF064VT1-VGA
Description  APPLY TO MULTIPLE LCD MODULE: V16C6448AC/AE/AF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SF064VT1-VGA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SF064VT1-VGA Datasheet HTML 1Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 2Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 3Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 4Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 5Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 6Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 7Page - List of Unclassifed Manufacturers SF064VT1-VGA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SUNFUL
Sunful Digital Technology Limited
- — -
CN2
High Voltage Output terminal Connected to Back Lamp.
CN3
Inverter Input port connected to Inverter Output Port of Driver.
Notes: 1.All Ports Define Square Pad As The First Position ˜
˜
˜
˜
2.CN1 ¥¥¥¥CN2 Terminals Supply AC High Voltage For Back Lamp
Which Brightens The LCD Module.
3.Pin Assignment
CNH1
Pin
NO
DEF.
Pin
NO
DEF.
1
DC Power (+12V)
3
Grand
2
ON/OFF
Notes: The port define square pad as the first position ˜
˜
˜
˜
2.A/DBoard Diagram
(Refer Appendix Page For Details)
U1
VGA INPUT
CON10
TTL OUTPUT
CON10
INVERTER
CON10
OSD
CON301
POWER(+12V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com