Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12469-LISA2-R-PIN Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12469-LISA2-R-PIN
Description  Lisa series
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12469-LISA2-R-PIN Datasheet(HTML) 1 Page - Ledil, Inc.

  C12469-LISA2-R-PIN Datasheet HTML 1Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 2Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 3Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 4Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 5Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 6Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 7Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 8Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PRODUCT DATASHEET
Lisa series
last update 15/8/2017
DETAILS
Product Number
C12469_LISA2-R-PIN
Family
Lisa
Type
Reflector
Color
white
Diameter
9,9 mm
Height
6,5 mm
Style
round
Optic Material
HRPC
Holder Material
Fastening
glue, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
15/08/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
82 deg
WWW-class 86 %
0.350
-
XB-D
81 deg
WWW-class 87 %
0.380
-
XP-G
86 deg
WWW-class 89 %
0.330
-
XQ-E
sim: 76
WWW-class sim: 90 % sim: 0.450 -
XT-E
80 deg
WWW-class 85 %
0.460
-
XP-L
sim: 81
WWW-class sim: 83 % sim: 0.360 -
XHP35 HD
sim: 91
WWW-class sim: 92 % sim: 0.370 -
LUXEON Rebel
77 deg
WWW-class 88 %
0.410
-
LUXEON Rebel ES
83 deg
WWW-class 90 %
0.360
-
LUXEON A
83 deg
WWW-class 88 %
0.370
-
LUXEON T
82 deg
WWW-class 82 %
0.400
-
LUXEON Z
78 deg
WWW-class 86 %
0.440
-
LUXEON H50-2
sim: 80
WWW-class sim: 90 % sim: 0.440 -
LUXEON C
84 deg
WWW-class 83 %
0.380
-
NCSxx19A
78 deg
WWW-class 84 %
0.460
-
NVSxx19A
80 deg
WWW-class 84 %
0.400
-
Oslon SSL 80
76 deg
WWW-class 92 %
0.500
-
Oslon SSL 150
83 deg
WWW-class 91 %
0.300
-
Oslon Square EC
82 deg
WWW-class 85 %
0.370
-
Duris P5
78 deg
WWW-class 83 %
0.400
-
Z5
80 deg
WWW-class 84 %
0.360
-
Z8Y19
76 deg
WWW-class 86 %
0.435
-
Z8Y15
76 deg
WWW-class 87 %
0.430
-
September 21st 2017 7:33 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C12469-LISA2-R-PIN

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12469 CREE-C12469 Datasheet
399Kb / 4P
Lisa2 series
logo
Ledil, Inc.
C12469 LEDIL-C12469 Datasheet
3Mb / 11P
White mini reflector with ~80째 wide beam.
More results

Similar Description - C12469-LISA2-R-PIN

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FP10995 CREE-FP10995 Datasheet
725Kb / 12P
Lisa series
CP10641 CREE-CP10641 Datasheet
413Kb / 5P
Lisa series
FP10996 CREE-FP10996 Datasheet
624Kb / 10P
Lisa series
FP10997 CREE-FP10997 Datasheet
763Kb / 12P
Lisa series
FP11075 CREE-FP11075 Datasheet
273Kb / 6P
Lisa series
FP11851 CREE-FP11851 Datasheet
234Kb / 4P
Lisa series
FP11121 CREE-FP11121 Datasheet
397Kb / 7P
Lisa series
CP11626 CREE-CP11626 Datasheet
160Kb / 3P
Lisa series
FP13026 CREE-FP13026 Datasheet
1Mb / 30P
Lisa series
FP13028 CREE-FP13028 Datasheet
1Mb / 30P
Lisa series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com