Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C12469-LISA2-R-PIN Datasheet(PDF) 4 Page - Ledil, Inc.

Part # C12469-LISA2-R-PIN
Description  Lisa series
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12469-LISA2-R-PIN Datasheet(HTML) 4 Page - Ledil, Inc.

  C12469-LISA2-R-PIN Datasheet HTML 1Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 2Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 3Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 4Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 5Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 6Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 7Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 8Page - Ledil, Inc. C12469-LISA2-R-PIN Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
0%
25%
50%
75%
100%
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Relative intensity of C12469_LISA2-R-PIN_(Luxeon_C_White)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com