Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDL05C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # ESDL05C
Description  80W, 5V Transient Voltage Suppressors for ESD Protection (Bi-direction)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ESDL05C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ESDL05C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ESDL05C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
ESDL05C
80W, 5V
Transient Voltage Suppressors
for ESD Protection (Bi-direction)
21-Dec-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The ESDL05C is designed to protect voltage sensitive
electronic components from ESD and transients voltage events.
Excellent clamping capability, low leakage, and fast response
time, make these parts ideal for ESD protection on designs
where board space is at a premium. Because of its small size,
it is suited for use in cellular phones, portable devices, digital
cameras, power supplies and many other portable applications
where board space comes at a premium. Also because of its
low capacitance, it is suited for use in high frequency designs
such as USB 2.0 high speed ,VGA, DVI, SDI and other high
speed line applications.
FEATURES
IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ηs)
Peak power dissipation: 80W (8/20µs)
Protects one directional I/O line
Low clamping voltage
Working voltages : 5V
Low leakage current
Low capacitance
APPLICATIONS
High Speed Line :USB1.0/2.0, VGA, DVI, SDI,
Serial and Parallel Ports
Notebooks, Desktops, Servers
Projection TV
Cellular handsets and accessories
Portable instrumentation
Peripherals
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-523
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Limit
Unit
Air Model
±15
IEC 61000-4-2 ESD Voltage
Contact Model
VESD
±8
KV
Peak Pulse Power
8/20us
PPP
80
W
Operating and Storage Temperature Range
TJ ,TSTG
-55 ~ +150
°C
SOD-523
LB
E
F
B
C
D
A
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
D
1.10
1.30
B
0.70
0.90
E
0.25
0.35
C
0.50
0.77
F
0.07
0.20


Similar Part No. - ESDL05C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R Datasheet
166Kb / 3P
Low Capacitance ESD Protection
ESDL05R SECOS-ESDL05R_15 Datasheet
166Kb / 3P
Low Capacitance ESD Protection
More results

Similar Description - ESDL05C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C Datasheet
199Kb / 2P
Transient Voltage Suppressors for ESD Protection (Bi-directional)
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SSESD05C SECOS-SSESD05C_11 Datasheet
177Kb / 2P
150W , 5V Transient Voltage Suppressors for ESD Protection (Bi-directional)
ESD36-C SECOS-ESD36-C Datasheet
165Kb / 2P
Transient Voltage Suppressors for ESD Protection (Uni-direction)
ESD24R SECOS-ESD24R Datasheet
409Kb / 3P
Transient Voltage Suppressors for ESD Protection (Uni-direction)
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com