Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDL05C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # ESDL05C
Description  80W, 5V Transient Voltage Suppressors for ESD Protection (Bi-direction)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ESDL05C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  ESDL05C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ESDL05C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
ESDL05C
80W, 5V
Transient Voltage Suppressors
for ESD Protection (Bi-direction)
21-Dec-2016 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
VRWM
-
-
5
V
Reverse Breakdown Voltage
VBR
5.2
-
8
V
IT=1mA
Reverse Leakage Current
IR
-
-
2.0
µA
VRWM=5V
Clamping Voltage
VC
-
-
9
V
IPP=1A , tp=8/20us
Junction Capacitance
CJ
-
4.5
6
pF
VR=0V,f=1MHz
RATINGS AND CHARACTERISTICS CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com