Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGPR10BM40FH Datasheet(PDF) 5 Page - Rohm

Part # RGPR10BM40FH
Description  430V 20A Ignition IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGPR10BM40FH Datasheet(HTML) 5 Page - Rohm

  RGPR10BM40FH Datasheet HTML 1Page - Rohm RGPR10BM40FH Datasheet HTML 2Page - Rohm RGPR10BM40FH Datasheet HTML 3Page - Rohm RGPR10BM40FH Datasheet HTML 4Page - Rohm RGPR10BM40FH Datasheet HTML 5Page - Rohm RGPR10BM40FH Datasheet HTML 6Page - Rohm RGPR10BM40FH Datasheet HTML 7Page - Rohm RGPR10BM40FH Datasheet HTML 8Page - Rohm RGPR10BM40FH Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGPR10BM40FH
Electrical Characteristic Curves
0
0.5
1
1.5
2
2.5
0
25
50
75 100 125 150 175 200
VGE= 5V
IC= 10A
IC= 1A
IC= 4.5A
0
5
10
15
20
01234
5
VCE= 5V
Tj= 25ºC
Tj= 175ºC
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-50 -25 0 25 50 75 100 125 150 175 200
VCE= 5V
IC= 10mA
0.01
0.1
1
10
100
1000
10000
-50 -25 0 25 50 75 100 125 150 175 200
VEC= 25V
VCES= 300V
Fig.8 Typical Leakage Current
vs. Junction Temperature
Junction Temperature : Tj [ºC]
Fig.6 Typical Transfer Characteristics
Gate To Emitter Voltage : VGE [V]
Fig.5 Typical Collector To Emitter Saturation Voltage
vs. Junction Temperature
Junction Temperature : Tj [ºC]
Fig.7 Typical Gate To Emitter Threshold Voltage
vs. Junction Temperature
Junction Temperature : Tj [ºC]
5/8
2015.10 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com