Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGPR10BM40FH Datasheet(PDF) 6 Page - Rohm

Part # RGPR10BM40FH
Description  430V 20A Ignition IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGPR10BM40FH Datasheet(HTML) 6 Page - Rohm

Back Button RGPR10BM40FH Datasheet HTML 2Page - Rohm RGPR10BM40FH Datasheet HTML 3Page - Rohm RGPR10BM40FH Datasheet HTML 4Page - Rohm RGPR10BM40FH Datasheet HTML 5Page - Rohm RGPR10BM40FH Datasheet HTML 6Page - Rohm RGPR10BM40FH Datasheet HTML 7Page - Rohm RGPR10BM40FH Datasheet HTML 8Page - Rohm RGPR10BM40FH Datasheet HTML 9Page - Rohm RGPR10BM40FH Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGPR10BM40FH
Electrical Characteristic Curves
400
410
420
430
440
450
460
-50 -25 0 25 50 75 100 125 150 175 200
VGE= 0V
ICES= 2mA
0
1
2
3
4
5
0
5
10
15
VCC= 12V
IC= 10A
Tj= 25ºC
1
10
100
1000
10000
0.01
0.1
1
10
100
f= 1MHz
VGE= 0V
Tj= 25ºC
Cies
Coes
Cres
0
5
10
15
20
25
30
35
40
012345678
9 10
VCC= 30V
VGE= 5V
RG= 1kΩ
Fig.9 Typical Collector To Emitter Breakdown
Voltage vs. Junction Temperature
Junction Temperature : Tj [ºC]
Fig.10 Typical Self Clamped Inductive
Switching Current vs. Inductance
Inductance : L [mH]
Fig.12 Typical Capacitance
vs. Collector To Emitter Voltage
Collector To Emitter Voltage : VCE[V]
Fig.11 Typical Gate Charge
Gate Charge : Qg [nC]
6/8
2015.10 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com