Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9737 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9737
Description  5V Capable Low-Voltage DPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9737 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9737 Datasheet HTML 1Page - Richtek Technology Corporation RT9737 Datasheet HTML 2Page - Richtek Technology Corporation RT9737 Datasheet HTML 3Page - Richtek Technology Corporation RT9737 Datasheet HTML 4Page - Richtek Technology Corporation RT9737 Datasheet HTML 5Page - Richtek Technology Corporation RT9737 Datasheet HTML 6Page - Richtek Technology Corporation RT9737 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RT9737
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS9737-00
February
2014
www.richtek.com
1
5V Capable Low-Voltage DPDT Analog Switch
General Description
RT9737 is a 5V high quality low-voltage double-pole
double-throw (DPDT) analog switch. RT9737 supply
voltage is designed to operate from 2.5V to 5.5V.
Supply voltage can be smaller than input voltage while
keeping 5V input range. With 70m
 turn-on resistance,
power-loss and signal distortion can be minimized.
RT9737 is ideal for switching audio signal from outputs
of audio amplifiers. The break-before-make feature
prevents signal distortion during the transferring of a
signal from one path to another for audio applications.
Ordering Information
RT9737
Package Type
WSC : WL-CSP-9B 1.24x1.24 (BSC)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes
Marking Information
1PW
1P : Product Code
W : Date Code
Features
Maximum Input Signal Range 0 to 5.5V
70m
 Turn-On Resistance
2.5V to 5.5V Supply Voltage
40
A Quiescent Current
Break-Before-Make Between Channel Transition
Available in 9Ball WL-CSP Package
Applications
Smartphone
Tablet
Pin Configurations
(TOP VIEW)
INA1
INA2
INB1
OUTB
INB2
OUTA
GND
A1
A2
A3
B3
B1
C1
C2
C3
B2
WL-CSP-9B 1.24x1.24 (BSC)
Simplified Application Circuit
SEL
OUTA
OUTB
VDDEN
INA1
INB1
INA2
INB2
GND
Audio
Amplifier 1
Audio
Amplifier 2
Audio
Connector
SEL
RT9737
CVDDEN


Similar Part No. - RT9737

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9730 RICHTEK-RT9730 Datasheet
167Kb / 9P
Charging System Safety Device
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
Dual Channel, Low Resistance Load Switch
RT9736AGQW RICHTEK-RT9736AGQW Datasheet
248Kb / 16P
Dual Channel, Low Resistance Load Switch
More results

Similar Description - RT9737

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2015 VISHAY-DG2015 Datasheet
58Kb / 6P
Low-Voltage, Low rON, Dual DPDT Analog Switch
03-Mar-03
DG2017 VISHAY-DG2017 Datasheet
77Kb / 7P
Low-Voltage, Low ON, Dual DPDT Analog Switch
26-May-03
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
Low-Voltage, Low rON, Dual DPDT Analog Switch
30-Apr-07
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
Low-Voltage, Low RON, Dual DPDT Analog Switch
13-Jun-11
logo
Alpha & Omega Semicondu...
AOZ6274 AOSMD-AOZ6274 Datasheet
434Kb / 9P
0.3ohm Low-Voltage Dual-DPDT Analog Switch
AOZ6275 AOSMD-AOZ6275 Datasheet
435Kb / 10P
0.35ohm Low-Voltage Dual-DPDT Analog Switch
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Maxim Integrated Produc...
MAX20327 MAXIM-MAX20327 Datasheet
721Kb / 13P
12V Capable, Low-RON, Beyond-the-Rails??DPDT Analog Switch
19-100268; Rev 0; 6/18
logo
Vishay Siliconix
DG2017 VISHAY-DG2017_V01 Datasheet
143Kb / 9P
Low-Voltage, Low RON, Dual DPDT Analog Switch
27-May-13
DG2015 VISHAY-DG2015_V01 Datasheet
130Kb / 8P
Low-Voltage, Low RON, Dual DPDT Analog Switch
27-May-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com