Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9737 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9737
Description  5V Capable Low-Voltage DPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9737 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9737 Datasheet HTML 1Page - Richtek Technology Corporation RT9737 Datasheet HTML 2Page - Richtek Technology Corporation RT9737 Datasheet HTML 3Page - Richtek Technology Corporation RT9737 Datasheet HTML 4Page - Richtek Technology Corporation RT9737 Datasheet HTML 5Page - Richtek Technology Corporation RT9737 Datasheet HTML 6Page - Richtek Technology Corporation RT9737 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RT9737
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS9737-00
February
2014
2
Functional Pin Description
Pin No.
Pin Name
Pin Function
A1
INA1
Input 1 of Channel A.
A2
SEL
Selection for Input 1or 2.
A3
INB1
Input 1 of Channel B.
B1
OUTA
Output of Channel A.
B2
GND
Ground.
B3
OUTB
Output of Channel B.
C1
INA2
Input 2 of Channel A.
C2
VDDEN
Supply Voltage.
C3
INB2
Input 2 of Channel B.
Function Block Diagram
Operation
The switches are fully specified to operate from a
single 2.5V to 5.5V power supply. RT9737 via internal
design, be able to handle when the input signal is
greater than the supply voltage range and don't cause
the signal distortion. RT9737 control the switches with
a control pin, SEL. When SEL voltage under low level,
internal switch is thrown to position 1. Audio signal are
via INA1 and INB1 to IC OUTA and OUTB. And then
OUTA, OUTB output to the load and Audio connector.
When SEL voltage above high level, internal switch is
thrown to position 2. When the supply voltage VDDEN
under operation range, the switches impedance are
risen and all analog signal ports can keep out signals
from 0V to 5.5V.
INA1
INA2
GND
OUTB
VDDEN
INB1
INB2
OUTA
SEL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com