Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9746 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9746
Description  VBUS OVP with a PTVS Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9746 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9746 Datasheet HTML 1Page - Richtek Technology Corporation RT9746 Datasheet HTML 2Page - Richtek Technology Corporation RT9746 Datasheet HTML 3Page - Richtek Technology Corporation RT9746 Datasheet HTML 4Page - Richtek Technology Corporation RT9746 Datasheet HTML 5Page - Richtek Technology Corporation RT9746 Datasheet HTML 6Page - Richtek Technology Corporation RT9746 Datasheet HTML 7Page - Richtek Technology Corporation RT9746 Datasheet HTML 8Page - Richtek Technology Corporation RT9746 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9746
2
DS9746-00 March 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Pre-
Regulator
Digital
Control
OCP
VOUT
OVPFB
GND_PTVS
VIN
POR
I/O Buffer
OTP
UVLO
External
& Internal
OVP
Power
FET
OVP
SEL
GND
WRNB
Operation
The RT9746 is a VBUS OVP protector switch. The OVP function is optimized to protect low voltage system from
abnormal high input voltage (up to 28V) in handheld application. RT9746 is also embedded Power-TVS diode (PTVS) on
VBUS pin for surge protection. If surge waveform is above 30V, it will be clamped to 30V due to PTVS diode. When
plugging in VBUS, the OCP will be soft-start in 8ms in order to reduce in rush current and internal VOUT deglitch time
is 16/32/64/128ms which is set by fuse. The OCP after soft-start is up to 4.5A for high current application.
Functional Pin Description
Pin No
Pin Name
Pin Function
A1
GND
Common Ground Of Internal Circuits.
A2, A3, B2
VOUT
Output from VBUS Load-Switch.
B1
WRNB
Inverse Warning Signal (OCP,OTP, OVP, UVLO) Flag Output (Open-Drain).
A4, B4, C4
GND_PTVS
Common Ground of Power TVS Diode.
B3, C2, C3
VIN
VBUS from Power Adaptor.
C1
OVPFB
External OVP Adjustment Setting. (if no used, be surely tied to GND)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com