Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9746 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9746
Description  VBUS OVP with a PTVS Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9746 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9746 Datasheet HTML 1Page - Richtek Technology Corporation RT9746 Datasheet HTML 2Page - Richtek Technology Corporation RT9746 Datasheet HTML 3Page - Richtek Technology Corporation RT9746 Datasheet HTML 4Page - Richtek Technology Corporation RT9746 Datasheet HTML 5Page - Richtek Technology Corporation RT9746 Datasheet HTML 6Page - Richtek Technology Corporation RT9746 Datasheet HTML 7Page - Richtek Technology Corporation RT9746 Datasheet HTML 8Page - Richtek Technology Corporation RT9746 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9746
®
DS9746-00 March 2016
www.richtek.com
1
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications
Cellular Phone
Smart Handheld Device
VBUS OVP with a PTVS Diode
General Description
The RT9746 is an overvoltage protection devices feature a
low 35m
Ω (typ) RON internal FET with PTVS diode. The
PTVS also protects the devices from surges up to 100V.
When the input voltage exceeds the overvoltage threshold,
the internal FET is turned off to prevent damage to the
protected down stream components.
The internal Over Voltage Thresholds (OVP) are preset to
6.8V typical. The RT9746 also feature an over-current
protection and up to 4.5A.
The RT9746 is offered in a small WL-CSP-12B (BSC)
package provides small PCB area applications.
Marking Information
Features
PTVS Diode Embedded for VBUS Surge Protection
Warning Indicator for OVP or UVP
28V Maximum Rating for DC Adapter
Integrated Over-Voltage and Over Current
Protection FET on VBUS for Fault Isolation
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WL-CSP-12B 1.92x1.27 (BSC)
GND_
PTVS
VOUT
GND
VOUT
WRNB
GND_
PTVS
VOUT
VIN
VIN
OVPFB
VIN
GND_
PTVS
A3
A4
A1
A2
B3
B4
B1
B2
C3
C4
C1
C2
3CW
3C : Product Code
W : Date Code
RT9746WSC
Package Type
WSC : WL-CSP-12B 1.92x1.27
RT9746
OVP Threshold Option
Default : 6.8V
A : 11.5V
B : 14.5V
C : 6.2V
RT9746
VOUT
GND_PTVS
VIN
WRNB
OVPFB
R2
R1
CIN
Adaptor
Charger
Processor
VDDIO
GND
COUT
R3
Simplified Application Circuit


Similar Part No. - RT9746

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
RT9740AGQW RICHTEK-RT9740AGQW Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
RT9741 RICHTEK-RT9741 Datasheet
230Kb / 11P
High-Side Power Switches
RT9741AGV RICHTEK-RT9741AGV Datasheet
230Kb / 11P
High-Side Power Switches
RT9741CGV RICHTEK-RT9741CGV Datasheet
230Kb / 11P
High-Side Power Switches
More results

Similar Description - RT9746

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
logo
Clare, Inc.
CPC7556 CLARE-CPC7556 Datasheet
501Kb / 6P
Diode Bridge with Integrated Adjustable OVP Circuit
logo
Diodes Incorporated
D5V0F3B6LP20 DIODES-D5V0F3B6LP20 Datasheet
354Kb / 5P
USB2.0 and VBUS TVS DIODE ARRAY
Rev 1
logo
Richtek Technology Corp...
DS9746 RICHTEK-DS9746 Datasheet
186Kb / 10P
VBUS OVP with a PTVS Diode
logo
Texas Instruments
TPS66120 TI1-TPS66120 Datasheet
511Kb / 27P
TPS6612x Integrated Sink with VBUS LDO Regulator
logo
TECH PUBLIC Electronics...
TPE1255D6 TECHPUBLIC-TPE1255D6 Datasheet
1Mb / 4P
160A For Vbus
logo
Maxim Integrated Produc...
MAX77958EVKIT-2S3 MAXIM-MAX77958EVKIT-2S3 Datasheet
3Mb / 24P
High Voltage VBUS Range
319-100519; Rev 1; 7/20
logo
Silicon Mitus, Inc.
SM5360 SILICONMITUS-SM5360 Datasheet
231Kb / 2P
USB Type-C VBUS Combo Switch with Protection
July 2021- Rev. 1.0.1
logo
Guangdong Youtai Semico...
BSD3A031V UMW-BSD3A031V Datasheet
518Kb / 4P
USB Vbus
BSD3A051V UMW-BSD3A051V Datasheet
564Kb / 4P
USB Vbus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com