Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL331 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL331
Description  Wideband Linear Push-pull Amplifier MMIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL331 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL331 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
September 2017
ASL331
Wideband Linear Push-pull Amplifier MMIC
0
100
200
300
400
500
600
700
800
900 1000 1100 1200
0
5
10
15
20
25
30
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900 1000 1100 1200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
0
100
200
300
400
500
600
700
800
900 1000 1100 1200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
-40
oc
25
oc
85
oc
.
1) OIP3 is measured with two tones at an output power of +12 dBm/tone separated by
6 MHz.
2) OIP2 is measured with two tones at an output power of +14 dBm/tone at
F1(400 MHz)+F2(450 MHz).
3) Pout = 101 dBuV for 84 channels VHF signal.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
50
500
1002
Noise Figure (dB)
1.8
1.8
1.9
Magnitude S21 (dB)
19.5
19.2
19.0
Magnitude S11 (dB)
-18
-16
-15
Magnitude S22 (dB)
-18
-16
-15
Output P1dB (dBm)
25
26
25
Output IP31) (dBm)
38
42
36
Output IP22) (dBm)
61
CSO (dBc)3)
64
CTB (dBc) 3)
60
Device Voltage (V)
+5
Current (mA)
220
Note: MABA-007159 1:1 impedance transformers
are used.
S-parameters
CATV Push-Pull
1 : 1 transformer
50 ~ 1002 MHz
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com