Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL331 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASL331
Description  Wideband Linear Push-pull Amplifier MMIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL331 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASL331 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL331 Datasheet HTML 11Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10/11
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
September 2017
ASL331
Wideband Linear Push-pull Amplifier MMIC
1) OIP3 is measured with two tones at an output power of -6 dBm/tone separated by 1 MHz.
2) OIP2 is measured at F1+F2 Frequency.
ASL331
R4=1 kΩ
R3=1 kΩ
C4=1 μF
C5=1 μF
C7=3.0 pF
C2=1 μF
C3=1 μF
L3=6.8 nH
L4=6.8 nH
L1=BLM15HD182SN
L2=BLM15HD182SN
R1=1 kΩ
R2=1 kΩ
Vdiode = +12 V
C9=39 pF
C10=39 pF
R6=13 Ω
R6=13 Ω
Vs = +5 V
Vs = +5 V
C6=10 μF
C8=10 μF
C11=1 μF
C12=1 μF
1 : 1
Transformer
RF OUT
L5=4.7 μH
L6=4.7 μH
(LQH31CN4R7M03)
(LQH31CN4R7M03)
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
APPLICATION CIRCUIT
Frequency (MHz)
5
200
Magnitude S21 (dB)
23
24
Magnitude S22 (dB)
-9.5
-9.5
EIN (pA/√Hz)
5.0
4.0
Output IP31) (dBm)
25
23
Output IP21),2) (dBm)
43
45
Device Voltage (V)
+5
Current (mA)
220
Note: MABA-007159 1:1 impedance transformers
are used.
S-parameters
Trans-impedance
Amplifier (75

5 ~ 200 MHz
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com