Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z53C80SCSI Datasheet(PDF) 16 Page - Zilog, Inc.

Part # Z53C80SCSI
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80SCSI Datasheet(HTML) 16 Page - Zilog, Inc.

Back Button Z53C80SCSI Datasheet HTML 12Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 13Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 14Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 15Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 16Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 17Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 18Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 19Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 20Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
16
Z53C80 SCSI
PS97SCC0200
ZILOG
FUNCTIONAL DESCRIPTION (Continued)
A phase mismatch prevents the recognition of /REQ and
removes the chip from the bus during an Initiator send
operation (/DB7-/DB0 and /DBP will not be driven even
through the Assert Data Bus bit (Initiator Command Register,
bit 0). This may be disabled by resetting the DMA Mode bit
(Note: It is possible for this interrupt to occur when
connected as a Target if another device is driving the
phase lines to a different state).
The proper values for the Bus and Status Register and the
Current SCSI Bus Status Register are displayed in Figures
23 and 24, respectively.
Loss of BSY. If the Monitor Busy bit (bit 2) in the Mode
Register is active, an interrupt is generated if the BSY
signal goes FALSE for at least a bus-settle delay. This
interrupt is disabled by resetting the Monitor Busy bit.
Register values are displayed in Figures 25 and 26.
Figure 25. Bus and Status Register
Figure 26. Current SCSI Bus Status Register
Figure 23. Bus and Status Register
Figure 24. Current SCSI Bus Status Register
D7
D0
/DBP
/SEL
I//O
C//D
/MSQ
/REQ
/BSY
/RST
00
0X
XX00
D7
D0
/ACK
/ATN
Busy Error
Phase Match
Interrupt Request Active
Parity Error
DMA Request
End of DMA
000100
X0
D7
D0
/ACK
/ATN
Busy Error
Phase Match
Interrupt Request Active
Parity Error
DMA Request
End of DMA
0
0
0
1X10
0
D7
D0
/DBP
/SEL
I//O
C//D
/MSQ
/REQ
/BSY
/RST
0
1XXXX
0X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com