Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z53C80SCSI Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z53C80SCSI
Description  SMALL COMPUTER SYSTEM INTERFACE (SCSI)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z53C80SCSI Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z53C80SCSI Datasheet HTML 17Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 18Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 19Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 20Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 21Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 22Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 23Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 24Page - Zilog, Inc. Z53C80SCSI Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
Z53C80 SCSI
ZILOG
PS97SCC0200
Figure 37. Mode Register
Figure 38. Target Command Register
Figure 39. Select Enable Register
Figure 40. Start DMA Send
Figure 41. Start DMA Target Receive
Figure 42. Start DMA Initiator Receive
Arbitrate
DMA Mode
Monitor /BSY
Enable /EOP Interrupt
Enable Parity Interrupt
Enable Parity Checking
Target Mode
"0"
Address: 2
(Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
"X"
Address: 5
(Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
"X"
Address: 7
(Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
Assert I//O
Assert C//D
Assert /MSG
Assert /REQ
"X"
Address: 3
(Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
Last Byte Sent
/DB0
/DB1
/DB2
/DB3
/DB4
/DB5
/DB6
/DB7
Address: 4
(Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
"X"
Address: 6
(Write Only)
D7 D6 D5 D4 D3 D2 D1 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com