Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9428WPI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9428WPI
Description  Single Digitally Controlled Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9428WPI Datasheet(HTML) 1 Page - Xicor Inc.

  X9428WPI Datasheet HTML 1Page - Xicor Inc. X9428WPI Datasheet HTML 2Page - Xicor Inc. X9428WPI Datasheet HTML 3Page - Xicor Inc. X9428WPI Datasheet HTML 4Page - Xicor Inc. X9428WPI Datasheet HTML 5Page - Xicor Inc. X9428WPI Datasheet HTML 6Page - Xicor Inc. X9428WPI Datasheet HTML 7Page - Xicor Inc. X9428WPI Datasheet HTML 8Page - Xicor Inc. X9428WPI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV 1.1.5 7/8/03
Characteristics subject to change without notice.
1 of 20
www.xicor.com
X9428
Single Digitally Controlled Potentiometer (XDCP™)
FEATURES
• Solid state potentiometer
• 2-wire serial interface
• Register oriented format
—Direct Read/Write/Transfer Wiper Position
—Store as many as Four Positions per
Potentiometer
• Power supplies
—VCC = 2.7V to 5.5V
—V+ = 2.7V to 5.5V
—V– = –2.7V to –5.5V
• Low power CMOS
—Standby current < 1µA
—Ideal for Battery Operated Applications
• High reliability
—Endurance–100,000 Data Changes per Bit per
Register
—Register Data Retention–100 years
• 4-bytes of nonvolatile memory
• 10K Ohm resistor array
• Resolution: 64 taps each potentiometer
• SOIC and TSSOP packages
DESCRIPTION
The
X9428
integrates
a
digitally
controlled
potentiometers
(XDCP)
on
a
monolithic
CMOS
integrated microcircuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the 2-wire
bus interface. Each potentiometer has associated with
it a volatile Wiper Counter Register (WCR) and 4
nonvolatile Data Registers (DR0:DR3) that can be
directly written to and read by the user. The contents of
the WCR controls the position of the wiper on the
resistor array through the switches. Power up recalls
the contents of DR0 to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Interface
and
Control
Circuitry
SCL
SDA
A0
A2
A3
VH/RH
VL/RL
Data
8
VW/RW
WP
VCC
VSS
V+
V–
Low Noise/Low Power/2-Wire Bus
APPLICATION NOTES
AVAILABLE
AN99 • AN115 • AN120 • AN124 • AN133 • AN134 • AN135


Similar Part No. - X9428WPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428WPI INTERSIL-X9428WPI Datasheet
349Kb / 20P
Single Digitally Controlled Potentiometer
March 8, 2005
X9428WPI-2.7 INTERSIL-X9428WPI-2.7 Datasheet
349Kb / 20P
Single Digitally Controlled Potentiometer
March 8, 2005
More results

Similar Description - X9428WPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
Single Digitally Controlled Potentiometer
March 8, 2005
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
Single Digitally Controlled Potentiometer
August 31, 2006
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
Single Digitally Controlled Potentiometer
April 26, 2006
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
Single Digitally-Controlled Potentiometer
February 13, 2008
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
Single Digitally-Controlled Potentiometer
April 9, 2014
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
Single Digitally-Controlled Potentiometer
July 9, 2008
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
Single Digitally Controlled Potentiometer
July 24, 2014
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
Single Digitally Controlled Potentiometer
October 13, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com