Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9428WPI Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9428WPI
Description  Single Digitally Controlled Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9428WPI Datasheet(HTML) 5 Page - Xicor Inc.

  X9428WPI Datasheet HTML 1Page - Xicor Inc. X9428WPI Datasheet HTML 2Page - Xicor Inc. X9428WPI Datasheet HTML 3Page - Xicor Inc. X9428WPI Datasheet HTML 4Page - Xicor Inc. X9428WPI Datasheet HTML 5Page - Xicor Inc. X9428WPI Datasheet HTML 6Page - Xicor Inc. X9428WPI Datasheet HTML 7Page - Xicor Inc. X9428WPI Datasheet HTML 8Page - Xicor Inc. X9428WPI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
X9428
Characteristics subject to change without notice.
5 of 20
REV 1.1.5 7/8/03
www.xicor.com
The Increment/Decrement command is different from
the other commands. Once the command is issued
and the X9428 has responded with an acknowledge,
the master can clock the selected wiper up and/or
down in one segment steps; thereby, providing a fine
tuning capability to the host. For each SCL clock pulse
(tHIGH) while SDA is HIGH, the selected wiper will
move one resistor segment towards the VH/RH
terminal. Similarly, for each SCL clock pulse while SDA
is LOW, the selected wiper will move one resistor
segment towards the VL/RL terminal. A detailed
illustration of the sequence and timing for this
operation are shown in Figures 5 and 6 respectively.
Table 1. Instruction Set
Note:
(7) 1/0 = data is one or zero
Instruction
Instruction Set
Operation
I3
I2
I1
I0 R1 R0
X1
X0
Read Wiper Counter
Register
1
0
0
1
0
0
0
0
Read the contents of the Wiper Counter Register
Write Wiper Counter
Register
1
0
1
0
0
0
0
0
Write new value to the Wiper Counter Register
Read Data Register
1
0
1
1
1/0
1/0
0
0
Read the contents of the Data Register pointed to
by R1–R0
Write Data Register
1
1
0
0
1/0
1/0
0
0
Write new value to the Data Register pointed to by
R1–R0
XFR Data Register to
Wiper Counter Register
1
1
0
1
1/0
1/0
0
0
Transfer the contents of the Data Register pointed
to by R1–R0 to its Wiper Counter Register
XFR Wiper Counter
Register to Data Register
1
1
1
0
1/0
1/0
0
0
Transfer the contents of the Wiper Counter Register
to the Data Register pointed to by R1–R0
Increment/Decrement
Wiper Counter Register
0
0
1
0
0
0
0
1/0
Enable Increment/decrement of the Wiper Counter
Register
Figure 3. Two-Byte Instruction Sequence
S
T
A
R
T
0101
A3
A2
0
A0
A
C
K
I3
I2
I1
I0
R1
R0
0
0
A
C
K
SCL
SDA
S
T
O
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com