Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS123 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS123
Description  N-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS123 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMS123 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS123 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS123 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SMS123
0.17A, 100V, RDS(ON) 6
N-Ch Enhancement Mode Power MOSFET
28-Apr-2017 Rev. C
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTIONS
The SMS123 is N-Channel enhancement MOS Field
Effect Transistor. Uses advanced trench technology and
design to provide excellent RDS (ON)with low gate charge.
This device is suitable for use in DC-DC conversion, load
switch and level shift.
MECHANICAL DATA
Trench Technology
Supper high density cell design
Excellent ON resistance
Extremely Low Threshold Voltage
APPLICATION
DC-DC converter circuit
Load Switch
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain – Source Voltage
VDS
100
V
Gate – Source Voltage
VGS
±20
V
Continuous Drain Current
1
ID
0.17
A
Pulsed Drain Current(tp=10µs)
IDM
0.68
A
Continuous Source-Drain Diode Current
IS
0.17
A
Power Dissipation
PD
0.35
W
Thermal Resistance from Junction to Ambient
1
RθJA
357
°C / W
Lead Temperature for Soldering Purposes
(1/8’’ from case for 10s)
TL
260
°C
Operating Junction & Storage Temperature Range
TJ, TSTG
150, -55~150
°C
SOT-23
B123
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.09
0.18
B
2.10
2.65
H
0.35
0.65
C
1.20
1.40
J
0.08
0.20
D
0.89
1.17
K
0.6 REF.
E
1.78
2.04
L
0.95 BSC.
F
0.30
0.50


Similar Part No. - SMS123

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS12 SEMTECH-SMS12 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS12 MICROSEMI-SMS12 Datasheet
227Kb / 2P
4 LINE UNIDIRECTIONAL TVSarray
logo
Protek Devices
SMS12 PROTEC-SMS12 Datasheet
707Kb / 8P
MULTI-LINE TVS ARRAY
SMS12 PROTEC-SMS12 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
logo
Shanghai Leiditech Elec...
SMS12 LEIDITECH-SMS12 Datasheet
160Kb / 3P
USB 2.0 power and data line
More results

Similar Description - SMS123

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF02N65SL SECOS-SSRF02N65SL Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com