Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS123 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS123
Description  N-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS123 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS123 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS123 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS123 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SMS123
0.17A, 100V, RDS(ON) 6
N-Ch Enhancement Mode Power MOSFET
28-Apr-2017 Rev. C
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static Characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
100
-
-
V
VGS=0V, ID=250µA
-
-
1
µA
VDS=100V, VGS=0V
Zero Gate Voltage Drain Current
IDSS
-
-
10
nA
VDS=20V, VGS=0V
Gate-Source Leakage
IGSS
-
-
±50
nA
VDS=0V, VGS= ±20V
Gate-Threshold Voltage
2
VGS(TH)
1
1.6
2.8
V
VDS=VGS, ID=250µA
-
-
6
VGS=10V, ID=0.17A
Drain-Source On Resistance
2
RDS(ON)
-
-
10
VGS=4.5V, ID=0.17A
Forward Transfer conductance
2
gFS
80
-
-
mS
VDS=10V, ID= 0.17A
Body-Drain Diode Ratings
Diode Forward On–Voltage
VSD
-
-
1.3
V
IS=340mA, VGS=0V
Dynamic Characteristics
Input Capacitance
CISS
-
29
41
Output Capacitance
COSS
-
10
14
Reverse Transfer Capacitance
CRSS
-
2
2.8
pF
VDS=25V,
VGS=0V,
f=1MHz
Switching Characteristics
3
Total Gate Charge
QG(TOT)
-
1.4
-
Gate-to-Source Charge
QGS
-
0.15
-
Gate-to-Drain Charge
QGD
-
0.2
-
nC
VDS=10V,
VGS=10V,
ID=0.22A
Turn-on Delay Time
Td(ON)
-
8
-
Rise Time
Tr
-
8
-
Turn-off Delay Time
Td(OFF)
-
13
-
Fall Time
Tf
-
16
-
nS
VDD=30V,
I D=0.28A,
VGS=10V,
RGEN=50
Notes:
1. Surface mounted on FR4 Board using the minimum recommended pad size.
2. Pulse Test : Pulse width=300µs, duty cycle≦2%
3. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com