Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS3404 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS3404
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS3404 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMS3404 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS3404 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS3404 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SMS3404
5.8A, 30V, RDS(ON) 30 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
01-Dec-2015 Rev.A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250µA
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=30V, VGS=0
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V, VDS=0
Gate-Threshold Voltage
VGS(th)
1
1.4
3
V
VDS=VGS, ID=250µA
-
23
30
VDS=10V, ID=5.8A
Static Drain-Source On-Resistance
1
RDS(ON)
-
31
42
m
VGS=4.5V, ID=4.8A
Forward Transconductance
1
gfs
5
-
-
S
VDS=5V, ID=5.8A
Diode Forward Voltage
VSD
-
-
1
V
IS=1A
Dynamic Characteristics
Input Capacitance
Ciss
-
820
-
Output Capacitance
Coss
-
118
-
Reverse Transfer Capacitance
Crss
-
85
-
pF
VGS =0
VDS=15V
f =1.0MHz
Gate Resistance
Rg
-
-
1.5
VGS= VDS=0, f =1.0MHz
Switching Characteristics
Turn-on Delay Time
Td(on)
-
6.5
-
Rise Time
Tr
-
3.1
-
Turn-off Delay Time
Td(off)
-
15.1
-
Fall Time
Tf
-
2.7
-
nS
VDS=15V
VGS=10V
RGEN=3
RL=2.6
Notes:
1.
Pulse Width≤300µs, Duty Cycle ≤ 0.5%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com