Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS3404 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS3404
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS3404 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMS3404 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS3404 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS3404 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SMS3404
5.8A, 30V, RDS(ON) 30 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
01-Dec-2015 Rev.A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
SMS3404 uses advanced trench technology to provide
excellent RDS(ON) and low gate charge. This device is suitable
for the use as a load switch or in PWM applications. The source
leads are separated to allow a Kelvin connection to the source,
which may be used to bypass the source inductance.
FEATURES
Lower Gate Charge
Simple Drive Requirement
Fast Switching Characteristic
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (t≦10s)
ID
5.8
A
Pulsed Drain Current
1
IDM
30
A
Thermal Resistance from Junction to Ambient
RθJA
357
°C / W
Operating Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
Notes:
1.
Repetitive rating : Pulse width is limited by the maximum junction temperature.
SOT-23
R4
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50


Similar Part No. - SMS3404

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS340 DIOTEC-SMS340 Datasheet
132Kb / 2P
Surface Mount Schottky-Rectifiers
SMS340 DIOTEC-SMS340 Datasheet
112Kb / 2P
Surface Mount Schottky Rectifier Diodes
SMS340 DIOTEC-SMS340 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SMS340 DIOTEC-SMS340 Datasheet
152Kb / 2P
SMD Schottky Barrier Rectifier Diodes
logo
SeCoS Halbleitertechnol...
SMS3400A SECOS-SMS3400A Datasheet
302Kb / 3P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SMS3404

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com