Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD30N02 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD30N02
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD30N02 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD30N02 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD30N02 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD30N02 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD30N02 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSD30N02
30A, 20V, RDS(ON) 21 m
N-Ch Enhancement Mode Power MOSFET
29-Apr-2016 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
D
N
O
P
G E
F
H
K
J
M
B
TO-252(D-Pack)
30N02
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
SSD30N02 is the highest performance trench N-ch
MOSFET with extreme high cell density, which provides
excellent RDS(ON) and gate charge for most synchronous
buck converter applications.
SSD30N02 meets the RoHS and Green Product
requirement with full function reliability approved.
FEATURES
Advanced high cell density Trench technology
Super low gate charge
Excellent CdV/dt effect decline
Green device available
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
TC=25°C
30
TC=100°C
19
TA=25°C
9
Continuous Drain Current
1
TA=70°C
ID
7
A
Pulsed Drain Current@ TC=25°C
2
IDM
40
A
Total Power Dissipation@ TC=25°C
3
PD
27.8
W
Maximum Thermal Resistance from Junction to Ambient
1
RθJA
50
Maximum Thermal Resistance from Junction to Case
1
RθJC
4.5
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Date Code
1
Gate
3
Source
2
Drain
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.90
J
2.336 REF.
B
4.95
5.50
K
0.89 REF.
C
2.10
2.50
M
0.50
1.14
D
0.665 Typ.
N
1.55 Typ.
E
6.0
7.5
O
0
0.13
F
2.90 REF
P
0.58 REF.
G
5.40
6.40
H
0.60
1.20


Similar Part No. - SSD30N02

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD30N03-40D SECOS-SSD30N03-40D Datasheet
460Kb / 4P
N-Ch Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSD30N03-40D VBSEMI-SSD30N03-40D Datasheet
1,019Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSD30N03J SECOS-SSD30N03J Datasheet
548Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SSD30N03 SECOS-SSD30N03_15 Datasheet
460Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSD30N06-39D SECOS-SSD30N06-39D Datasheet
393Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD30N02

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2310A SECOS-SMG2310A Datasheet
906Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSD20N10-130D SECOS-SSD20N10-130D Datasheet
538Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSE04N65SL SECOS-SSE04N65SL Datasheet
557Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF02N65SL SECOS-SSRF02N65SL Datasheet
577Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com