Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD30N02 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD30N02
Description  N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD30N02 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD30N02 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD30N02 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD30N02 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD30N02 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSD30N02
30A, 20V, RDS(ON) 21 m
N-Ch Enhancement Mode Power MOSFET
29-Apr-2016 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS=0, ID=250µA
-
-
1
VDS=16V, VGS=0, TJ=25°C
Drain-Source Leakage Current
IDSS
-
-
30
µA
VDS=16V, VGS=0, TJ=85°C
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS= ±12V
Gate-Threshold Voltage
VGS(th)
0.5
0.7
1
V
VDS=VGS, ID=250µA
-
16
21
VGS=4.5V, ID=10A
Static Drain-Source On-Resistance
2
RDS(ON)
-
21
26
m
VGS=2.5V, ID=5A
Input Capacitance
Ciss
-
600
-
Output Capacitance
Coss
-
100
-
Reverse Transfer Capacitance
Crss
-
72
-
pF
VDS=10V
VGS=0
f=1MHz
Total Gate Charge
Qg
-
6.5
-
Gate-Source Charge
Qgs
-
0.9
-
Gate-Drain (“Miller”) Charge
Qgd
-
2
-
nC
VDS=10V
VGS=4.5V
ID=15A
Turn-on Delay Time
Td(on)
-
8.5
-
Rise Time
Tr
-
13
-
Turn-off Delay Time
Td(off)
-
23.5
-
Fall Time
Tf
-
4
-
nS
VDD=10V
VGS=10V
RG=6
RL=10
ID=1A
Source-Drain Diode Characteristics
Diode Forward Voltage
2
VSD
-
-
1.2
V
IS=1.3A, VGS=0V
Continuous Source Current
1,4
IS
-
-
30
A
Pulsed Source Current
2,4
ISM
-
-
40
A
VG=VD=0V, Force Current
Reverse Recovery Time
TRR
-
9
-
nS
Reverse Recovery Charge
QRR
-
3
-
nC
IF=8A , dI/dt=100A/µs, TJ=25°C
Notes:
1.
The data is tested when the surface of the device is mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.
The data is tested by the pulse: Pulse width≦300µs, duty cycle≦2%.
3.
The power dissipation is limited by 150°C juncti on temperature.
4.
The data is theoretically the same as ID and IDM, in real applications, the data should be limited by the total power dissipation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com