Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD40P04J Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD40P04J
Description  P-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD40P04J Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD40P04J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD40P04J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD40P04J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SSD40P04J
-40A, -40V, RDS(ON) 14 m
P-Ch Enhancement Mode Power MOSFET
13-Dec-2016 Rev.B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
TO-252(D-Pack)
CJU40P04
A
C
D
N
O
P
G E
F
H
K
J
M
B
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
SSD40P04J uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge.
This device is well suited for high current load applications.
FEATURES
High density cell design for ultra low RDS(ON)
Fully characterized avalanche voltage and current
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
Special process technology for high ESD capability
APPLICATIONS
Power switching applications
Hard switched and high frequency circuits
Uninterruptible power supply
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
-40
A
Pulsed Drain Current
IDM
-160
A
Single Pulsed Avalanche Energy
1
EAS
544
mJ
Power Dissipation
PD
1.25
W
Thermal Resistance from Junction to Ambient
RθJA
100
°C / W
Lead Temperature for Soldering Purposes@ 1/8’’ from
case for 10s
TL
260
°C
Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1.
EAS condition: VDD=20V, L=1mH, RG=25 , Starting TJ=25°C
1
Gate
3
Source
2
Drain
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.90
J
2.336 REF.
B
4.95
5.50
K
0.89 REF.
C
2.10
2.50
M
0.50
1.14
D
0.43
0.9
N
1.3
1.8
E
6.0
7.5
O
0
0.13
F
2.90 REF
P
0.58 REF.
G
5.40
6.40
H
0.60
1.20
Date Code


Similar Part No. - SSD40P04J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD40P04-20D SECOS-SSD40P04-20D Datasheet
412Kb / 5P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD40P04 SECOS-SSD40P04_11 Datasheet
1Mb / 4P
-36A , -40V , RDS(ON) 30m P-Ch Enhancement Mode Power MOSFET
SSD40P04 SECOS-SSD40P04_15 Datasheet
412Kb / 5P
P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD40P04J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com