Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD40P04J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD40P04J
Description  P-Ch Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD40P04J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD40P04J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD40P04J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD40P04J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SSD40P04J
-40A, -40V, RDS(ON) 14 m
P-Ch Enhancement Mode Power MOSFET
13-Dec-2016 Rev.B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
-40
-
-
V
VGS=0, ID= -250µA
Drain-Source Leakage Current
IDSS
-
-
-1
µA
VDS= -40V, VGS=0
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VDS=0V, VGS= ±20V
On Characteristics
1
Gate-Threshold Voltage
VGS(th)
-1.5
-1.85
-3
V
VDS=VGS, ID= -250µA
Static Drain-Source On-Resistance
RDS(ON)
-
12
14
m
VGS= -10V, ID= -12A
Forward Transconductance
gfs
34
-
-
S
VDS= -5V, ID= -12A
Dynamic Characteristics
Input Capacitance
Ciss
-
2960
-
Output Capacitance
Coss
-
370
-
Reverse Transfer Capacitance
Crss
-
310
-
pF
VDS= -20V
VGS=0V
f=1MHz
Switching Characteristics
Total Gate Charge
Qg
-
72
-
Gate-Source Charge
Qgs
-
14
-
Gate-Drain (“Miller”) Charge
Qgd
-
15
-
nC
VDS= -20V
VGS= -10V
ID= -12A
Turn-on Delay Time
Td(on)
-
10
-
Rise Time
Tr
-
18
-
Turn-off Delay Time
Td(off)
-
38
-
Fall Time
Tf
-
24
-
nS
VDD= -20V
VGS= -10V
RG=3
ID= -20A
Source-Drain Diode Characteristics
Drain-Source Diode Forward Voltage
1
VSD
-
-
-1.2
V
IS= -20A, VGS=0
Continuous Drain-Source Diode
Forward Current
2
IS
-
-
-40
A
Pulsed Drain-Source Diode
Forward Current
ISM
-
-
-160
A
Notes:
1.
Pulse Test: Pulse width≦300µs, duty cycle≦2%.
2.
The surface of the device is mounted on a FR4 board, t≦10sec.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com