Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF7500 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF7500
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF7500 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSF7500 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF7500 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF7500 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF7500 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSF7500
1.9A, 30V, RDS(ON) 70 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
04-Dec-2015 Rev.A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
SSF7500 provides the designers with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost-effectiveness. SOT-323 package
is universally preferred for all commercial-industrial surface
mount applications and suited for low voltage applications
such as DC/DC converters.
FEATURES
Lower Gate Charge
Simple Drive Requirement
Fast Switching Characteristic
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
1.9
A
Pulsed Drain Current
IDM
7.6
A
TA=25°C
350
mW
Power Dissipation
Derate above 25°C
PD
2.8
mW/ °C
Typical Thermal Resistance from Junction to Ambient
3
RθJA
357
°C / W
Operating Junction and Storage Temperature
TJ, TSTG
-55~150
°C
SOT-323
C00
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.1 REF.
B
1.80
2.55
H
0.525 REF.
C
1.1
1.4
J
0.05
0.25
D
0.80
1.15
K
0.8 TYP.
E
1.20
1.40
L
0.65 TYP.
F
0.15
0.50


Similar Part No. - SSF7500

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7504 SILIKRON-SSF7504 Datasheet
433Kb / 5P
Advanced trench process technology
logo
GOOD-ARK Electronics
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
75V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF7504A SILIKRON-SSF7504A Datasheet
403Kb / 5P
Advanced trench process technology
SSF7504A7 SILIKRON-SSF7504A7 Datasheet
475Kb / 8P
Advanced MOSFET process technology
SSF7504H SILIKRON-SSF7504H Datasheet
573Kb / 8P
Advanced MOSFET process technology
More results

Similar Description - SSF7500

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com