Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF7500 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF7500
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF7500 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSF7500 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF7500 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF7500 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF7500 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSF7500
1.9A, 30V, RDS(ON) 70 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
04-Dec-2015 Rev.A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Static
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250µA
Gate-Threshold Voltage
VGS(th)
0.4
0.72
1.2
V
VDS=VGS, ID=250µA
Gate-Source Leakage Current
IGSS
-
±10
±100
nA
VDS=0V, VGS= ±12V
Drain-Source Leakage Current
IDSS
-
0.01
1
µA
VDS=30V, VGS=0
-
58
70
VGS=10V, ID=1.9A
-
61
75
VGS=4.5V, ID=1.6A
-
69
85
VGS=2.5V, ID=1.2A
Static Drain-Source On-Resistance
RDS(ON)
-
80
110
m
VGS=1.8V, ID=0.7A
Dynamic
Total Gate Charge
1,2
Qg
-
4.8
-
Gate-Source Charge
1,2
Qgs
-
0.5
-
Gate-Drain Change
1,2
Qgd
-
0.7
-
nC
VDS=15V
VGS=10V
ID=1.9A
Input Capacitance
Ciss
-
447
-
Output Capacitance
Coss
-
34
-
Reverse Transfer Capacitance
Crss
-
22
-
pF
VDS=15V
VGS=0
f=1MHz
Switching
1,2
Turn-On Delay Time
Td(on)
-
2
-
Rise Time
Tr
-
38
-
Turn-Off Delay Time
Td(off)
-
812
-
Fall Time
Tf
-
64
-
nS
VDD=15V
VGS=10V
RG=6
ID=1.9A
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
-
-
0.5
V
Diode Forward Voltage
VSD
-
0.77
1.2
V
IS=1A, VGS=0
Notes:
1.
Pulse Test : Pulse width≤300µs, duty cycle≤2%.
2.
Essentially independent of operating temperature typical characteristics.
3.
RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the
solder mounting surface of the drain pins mounted on a 1 inch FR-4 with 2oz square pad of copper.
4.
The maximum current rating is limited by the package.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com