Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # BAS70
Description  70mA Surface Mount Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

BAS70 Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  BAS70 Datasheet HTML 1Page - Chip Integration Technology Corporation BAS70 Datasheet HTML 2Page - Chip Integration Technology Corporation BAS70 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Notes:
Document ID : DS-22K1U
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
BAS70 / 04 / 05 / 06
70mA Surface Mount Small Signal Diodes
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
1.0
10
0.01
100
0
0.2
0.4
0.6
0.8
1.0
O
85 C
O
25 C
O
-40 C
O
125 C
0.1
0.01
0.1
0.001
1.0
0
20
40
60
80
O
125 C
O
25 C
100
O
85 C
10
FIG.4 - DIODE CAPACITANCE AS
A FUNCTION OF REVERSE VOLTAGE
REVERSE VOLTAGE
FIG.3-DIFFERENTIAL FORWARD RESISTANCE AS
A FUNCTION OF FORWARD CURRENT
FORWARD CURRENT,(mA)
100
1
1000
0.1
1
10
100
10
f = 10KHz
0.5
0
1
0
20
40
60
80
f = 1KHz
O
T = 25 C
A
2
1.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com