Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # BAS70
Description  70mA Surface Mount Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

BAS70 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  BAS70 Datasheet HTML 1Page - Chip Integration Technology Corporation BAS70 Datasheet HTML 2Page - Chip Integration Technology Corporation BAS70 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
mall surface mount type.
Up to 70mA current capability.
Low forward voltage drop (VF = 1.00V typ. @15mA)
Silicon epitaxial planar chip, metal silicon junction.
High speed ( trr < 5 ns )
Lead-free parts for green partner, exceeds environmental
standards of MIL-STD-19500 /228
•
• S
•
•
•
•
•
•
Low current rectification and high speed switching.
Suffix "G" indicates Halogen-free part, ex.BAS70G.
SOT-23
• Case : Molded plastic, SOT-23
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Mounting Position : Any
• Weight : Approximated 0.008 gram
• Epoxy:UL94-V0 rated flame retardant
Marking code
0.035 (0.89)
0.044 (1.11)
0.110 (2.80)
0.120 (3.04)
.070(1.78)
.081(2.04)
0.035 (0.89)
0.040 (1.02)
0.015 (0.37)
0.020 (0.50)
A
B
C
BAS70 / 04 / 05 / 06
70mA Surface Mount Small Signal Diodes
A
C
B
BAS70
A
C
B
BAS70-06
A
C
B
BAS70-05
A
C
B
BAS70-04
Characteristic
Symbol
Peak Repetitive Reverse Voltage
Forward Continuous Current(1)
Non-Repetitive Peak Forward Surge Current
Marking code
I
FSM
V
RRM
73, BE
70
100
70
V
F
V
(BR)
C
D
I
R
Reverse Breakdown Voltage
Characteristic
Symbol
MIN.
MAX.
UNIT
Vdc
UNIT
V
OC
Power Dissipation(1)
200
P
D
-65 ~ +150
Junction and Storage Temperature
Thermal Resistance Junction to Ambient Air
R
θJA
625
Total Capacitance
Reverse Voltage Leakage Current
uAdc
pF
nS
0.1
I( ) = 10uAdc
BR
V = 50Vdc
R
V = 0, f = 1.0MHz
R
Forward Voltage
I = 1.0mAdc
F
I = 15mAdc
F
Reverse Recovery Time
I = I = 10mAdc, V = 5.0Vdc, I
= 1.0mAdc, R = 100Ω
F
R
R
R(REC)
L
trr
mVdc
410
1000
5.0
I
F(AV)
T , T
J
STG
mAdc
mAdc
mW
OC/W
BAS70
BAS70-04
BAS70-05
BAS70-06
74, CG
75, EH
76, GK
2.0
70
@tp < 1.0s
Work Peak Reverse Voltage
DC Reverse Voltage
V
RRM
V
R
RMS Reverse Voltage
V
R(RMS)
49
NOTE: 1.Valid provided that terminals are kept at ambient temperature.
2.Test period < 300us.
Document ID : DS-22K1U
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
Vishay Siliconix
BAS70 VISHAY-BAS70 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70 SIEMENS-BAS70 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
logo
Diodes Incorporated
BAS70 DIODES-BAS70 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_09 Datasheet
107Kb / 2P
Surface Mount Small Signal Diodes
logo
Formosa MS
BAS70WS FORMOSA-BAS70WS_10 Datasheet
197Kb / 7P
70mA Surface Mount Small Signal Schottky Diodes-70v
logo
Diotec Semiconductor
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
Surface Mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
logo
Chip Integration Techno...
BAS70WS CITC-BAS70WS Datasheet
459Kb / 3P
70mA Surface Mount Small Signal Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com