Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP8980DP Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP8980DP
Description  PCM Digital Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP8980DP Datasheet(HTML) 3 Page - IMP, Inc

  IMP8980DP Datasheet HTML 1Page - IMP, Inc IMP8980DP Datasheet HTML 2Page - IMP, Inc IMP8980DP Datasheet HTML 3Page - IMP, Inc IMP8980DP Datasheet HTML 4Page - IMP, Inc IMP8980DP Datasheet HTML 5Page - IMP, Inc IMP8980DP Datasheet HTML 6Page - IMP, Inc IMP8980DP Datasheet HTML 7Page - IMP, Inc IMP8980DP Datasheet HTML 8Page - IMP, Inc IMP8980DP Datasheet HTML 9Page - IMP, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
stream into active Message Mode; i.e., the
contents of the Connection Memory Low
are output on the ST-BUS output streams
once every frame unless the ODE pin is
low. In this mode the chip behaves as if
bits 2 and 0 of every Connection Memory
High location were 1, regardless of the
actual values.
If bit 6 of the Control Register is 0, then
bits 2 and 0 of each Connection Memory
Figure 3- Address Memory Map
A5
A4
A3
A2
A1
A0
HEX ADDRESS
LOCATION
0
X
X
X
X
X
00-1F
Control Register*
1
0
0
0
0
0
20
Channel 0†
1
0
0
0
0
1
21
Channel 1†
GG
G
G
G
G
G
G
GG
G
G
G
G
G
G
GG
G
G
G
G
G
G
1
1
1
1
1
1
3F
Channel 31†
* Writing to the Control Register is the only fast transaction.
† Memory and stream are specified by the contents of the Control Register.
High location function normally (see
Figure 5). If bit 2 is 1, the associated ST-
BUS output channel is in Message Mode;
i.e., the byte in the corresponding Connec-
tion Memory Low location is transmitted
on the stream at that channel. Otherwise,
one of the bytes received on the serial
inputs is transmitted and the contents of
the Connection Memory Low define the
ST-BUS input stream and channel where
the byte is to be found (see Figure 6).
Figure 4 - Control Register Bits
76
54
32
10
Mode
Control
Bits
(Unused)
Memory
Select
Bits
Stream
Address
Bits
BIT
NAME
DESCRIPTION
7
Split
When 1, all subsequent reads are from the Data Memory
Memory
and writes are to the Connection Memory Low, except when
the Control Register is accessed again. When 0, the Memory
Select bits specify the memory for subsequent operations. In
either case, the Stream Address Bits select the subsection of
the memory which is made available.
6
Message
When 1, the contents of the Connection Memory Low are output
Mode
on the Serial Output streams except when the ODE pin is low.
When 0, the Connection Memory bits for each channel determine
what is output.
5
(unused)
4-3
Memory
0-0 - Not to be used
Select Bits
0-1 - Data Memory (read only from the microprocessor port)
1-0 - Connection Memory Low
1-1 - Connection Memory High
2-0
Stream
The number expressed in binary notation on these bits refers to
Address
the input or output ST-BUS stream which corresponds to the
Bits
subsection of memory made accessible for subsequent operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com