Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP8980DP Datasheet(PDF) 9 Page - IMP, Inc

Part # IMP8980DP
Description  PCM Digital Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP8980DP Datasheet(HTML) 9 Page - IMP, Inc

Back Button IMP8980DP Datasheet HTML 5Page - IMP, Inc IMP8980DP Datasheet HTML 6Page - IMP, Inc IMP8980DP Datasheet HTML 7Page - IMP, Inc IMP8980DP Datasheet HTML 8Page - IMP, Inc IMP8980DP Datasheet HTML 9Page - IMP, Inc IMP8980DP Datasheet HTML 10Page - IMP, Inc IMP8980DP Datasheet HTML 11Page - IMP, Inc IMP8980DP Datasheet HTML 12Page - IMP, Inc IMP8980DP Datasheet HTML 13Page - IMP, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
†† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
*
Contents of Connection Memory are not lost if the clock stops, however, ST-BUS outputs go into the high
impedance state. NB: Frame Pulse is repeated every 512 cycles of C4i
.
AC Electrical Characteristics † - Clock Timing (Figures 12 and 13)
Characteristics
Sym
Min Typ ‡
Max
Units
Test Conditions
1
Clock Period*
tCLK
220
244
300
ns
2
Clock Width High
tCH
95
122
150
ns
3
Clock Width Low
tCL
110
122
150
ns
4
Clock Transition Time
tCTT
20
ns
5
Frame Pulse Setup TIme
tCCT
20
ns
6
Frame Pulse Hold Time
tFPH
0.020
670
µs
7
Frame Pulse Width
tFPW
244
ns
C4i
FOi
Bit
Cells
Channel 31
Bit 0
Channel 0
Bit 7
tCLK
tCL
tCTT
tCTT
tCHL
tCH
tFPH
tFPS
tFPH
tFPS
tFPW
C4i
F0i
2.0V
0.8V
2.0V
0.8V
Figure 12 Frame Allignment
Figure 13 Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com