Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L209 Datasheet(PDF) 4 Page - IXYS Corporation

Part # L209
Description  High Voltage IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L209 Datasheet(HTML) 4 Page - IXYS Corporation

  L209 Datasheet HTML 1Page - IXYS Corporation L209 Datasheet HTML 2Page - IXYS Corporation L209 Datasheet HTML 3Page - IXYS Corporation L209 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2000 IXYS All rights reserved
4 - 4
Fig. 5 Typ. turn on energy and switching
Fig. 6 Typ. turn off energy and switching
times versus collector current
times versus collector current
Fig. 7 Typ. turn on energy and switching
Fig.8
Typ. turn off energy and switching
times versus gate resistor
times versus gate resistor
Fig. 9 Reverse biased safe operating area
Fig. 10 Typ. transient thermal impedance
RBSOA
0
50
100
150
0
10
20
30
40
0
40
80
120
160
0
50
100
150
0
5
10
15
20
0
200
400
600
800
0.00001
0.0001
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
0
8
16
24
32
40
48
56
0
5
10
15
20
25
0
400
800
1200
1600
2000
0
8
16
24
32
40
48
56
0
5
10
15
20
25
0
40
80
120
160
200
single pulse
V
CE = 600V
V
GE = ±15V
R
G = 15W
T
J = 125°C
IXDN75N120
V
CE = 600V
V
GE = ±15V
I
C
= 75A
T
J = 125°C
0
200
400
600
800
1000 1200
0
50
100
150
200
R
G = 15W
T
J = 125°C
V
CEK < VCES
V
CE = 600V
V
GE = ±15V
R
G = 15W
T
J = 125°C
E
on
V
CE = 600V
V
GE = ±15V
I
C
= 75A
T
J = 125°C
t
d(on)
t
r
E
off
t
d(off)
t
f
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
I
C
A
I
C
A
mJ
E
off
mJ
E
on
ns
t
ns
t
R
G
W
R
G
W
V
CE
t
s
mJ
E
on
mJ
E
off
ns
t
ns
t
I
CM
K/W
Z
thJC
V
A
IXDN 75N120



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com