Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L209 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L209
Description  High Voltage IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L209 Datasheet(HTML) 1 Page - IXYS Corporation

  L209 Datasheet HTML 1Page - IXYS Corporation L209 Datasheet HTML 2Page - IXYS Corporation L209 Datasheet HTML 3Page - IXYS Corporation L209 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 IXYS All rights reserved
1 - 4
Symbol
Conditions
Maximum Ratings
V
CES
T
J = 25°C to 150°C
1200
V
V
CGR
T
J = 25°C to 150°C; RGE = 20 k
W
1200
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C
150
A
I
C90
T
C = 90°C
95
A
I
CM
T
C = 90°C, tp = 1 ms
190
A
RBSOA
V
GE = ±15 V, TJ = 125°C, RG = 15
W
I
CM = 150
A
Clamped inductive load, L = 30 µH
V
CEK < VCES
t
SC
V
GE = ±15 V, VCE = VCES, TJ = 125°C
10
µs
(SCSOA)
R
G = 15
W, non repetitive
P
C
T
C = 25°C
IGBT
660
W
V
ISOL
50/60 Hz; I
ISOL
£ 1 mA
2500
V~
T
J
-40 ... +150
°C
T
stg
-40 ... +150
°C
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque (M4)
1.5/13 Nm/lb.in.
Weight
30
g
V
CES
= 1200 V
I
C25
= 150 A
V
CE(sat) typ = 2.2 V
Features
q
NPT IGBT technology
q
low saturation voltage
q
low switching losses
q
square RBSOA, no latch up
q
high short circuit capability
q
positive temperature coefficient for
easy paralleling
q
MOS input, voltage controlled
q
International standard package
miniBLOC
Advantages
q
Space savings
q
Easy to mount with 2 screws
q
High power density
Typical Applications
q
AC motor speed control
q
DC servo and robot drives
q
DC choppers
q
Uninteruptible power supplies (UPS)
q
Switch-mode and resonant-mode
power supplies
High Voltage IGBT
Short Circuit SOA Capability
Square RBSOA
IXDN 75N120
Symbol
Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
(BR)CES
V
GE = 0 V
1200
V
V
GE(th)
I
C = 3 mA, VCE = VGE
4.5
6.5
V
I
CES
V
CE = VCES
T
J = 25°C
4 mA
T
J = 125°C
6
mA
I
GES
V
CE = 0 V, VGE = ± 20 V
± 500
nA
V
CE(sat)
I
C = 75 A, VGE = 15 V
2.2
2.7
V
G
E
C
E
E = Emitter x,
C = Collector
G = Gate,
E = Emitter x
x Either Emitter terminal can be used as
Main or Kelvin Emitter
miniBLOC, SOT-227 B
E153432
G
E
E
C


Similar Part No. - L209

ManufacturerPart #DatasheetDescription
logo
Powerbox
L20 POWERBOX-L20 Datasheet
646Kb / 1P
1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Rosenberger Hochfrequen...
L20-001-600 ROSENBERGER-L20-001-600 Datasheet
552Kb / 2P
TEST CABLE SET RPC-N 75 / RPC-N 75
logo
Turck, Inc.
L20-2AI-I-0/4....20M TURCK-L20-2AI-I-0/4....20M Datasheet
290Kb / 4P
BL20 electronic module 2 Analog Inputs for Current
2023-07-21
logo
Power-One
L20-7 POWER-ONE-L20-7 Datasheet
123Kb / 5P
Filter & Ring Core Chokes
logo
STMicroelectronics
L200 STMICROELECTRONICS-L200 Datasheet
165Kb / 12P
ADJUSTABLE VOLTAGE AND CURRENT REGULATOR
Jan-2000
More results

Similar Description - L209

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N170 IXYS-IXGH24N170 Datasheet
99Kb / 2P
High Voltage IGBT
IXGH32N170 IXYS-IXGH32N170 Datasheet
588Kb / 5P
High Voltage IGBT
IXDA20N120AS IXYS-IXDA20N120AS_11 Datasheet
242Kb / 4P
High Voltage IGBT
IXGH10N170 IXYS-IXGH10N170 Datasheet
195Kb / 5P
High Voltage IGBT
IXGH10N170A IXYS-IXGH10N170A Datasheet
571Kb / 5P
High Voltage IGBT
IXGH16N170A IXYS-IXGH16N170A_05 Datasheet
176Kb / 6P
High Voltage IGBT
IXGH32N170A IXYS-IXGH32N170A Datasheet
578Kb / 5P
High Voltage IGBT
IXST15N120B IXYS-IXST15N120B Datasheet
58Kb / 2P
HIGH Voltage IGBT
IXGP28N120B IXYS-IXGP28N120B Datasheet
570Kb / 5P
High Voltage IGBT
logo
Inchange Semiconductor ...
IXGN100N170 ISC-IXGN100N170 Datasheet
562Kb / 3P
High Voltage IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com