Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR20AM Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # BCR20AM
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR20AM Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  BCR20AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR20AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR20AM
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
CONDUCTION TIME
(CYCLES AT 60Hz)
GATE CHARACTERISTICS
(
Ι, ΙΙ AND ΙΙΙ)
GATE CURRENT (mA)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
10–1
100
2
3
5
7
101
2
3
5
7
102
2
3
5
7
101 2
102
35 7
2
103
35 7
2
104
35 7
PGM = 5W
IGM = 2A
VGT = 1.5V
VGM = 10V
PG(AV) = 0.5W
IFGT I , IRGT I , IRGT III
VGD = 0.2V
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
TYPICAL EXAMPLE
MAXIMUM ON-STATE POWER
DISSIPATION
RMS ON-STATE CURRENT (A)
100
101
2
3
5
7
102
2
3
5
7
103
2
3
5
7
–60
–20
20
60
100
140
–40
0
40
80
120
IRGT I
IRGT III
IFGT I
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
23 5 7
23 5 7
101
23 5 7
100
10–1
102 23 5 7103
0
10
20
30
40
50
0
4
8
12
16
20
24
28
32
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
0
20
40
60
80
100
120
140
160
0
2
4
6
8
101214161820
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com